データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC79451KB-X2T データシート(PDF) 4 Page - ON Semiconductor

部品番号 LC79451KB-X2T
部品情報  Controller and Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB-X2T データシート(HTML) 4 Page - ON Semiconductor

  LC79451KB-X2T Datasheet HTML 1Page - ON Semiconductor LC79451KB-X2T Datasheet HTML 2Page - ON Semiconductor LC79451KB-X2T Datasheet HTML 3Page - ON Semiconductor LC79451KB-X2T Datasheet HTML 4Page - ON Semiconductor LC79451KB-X2T Datasheet HTML 5Page - ON Semiconductor LC79451KB-X2T Datasheet HTML 6Page - ON Semiconductor LC79451KB-X2T Datasheet HTML 7Page - ON Semiconductor LC79451KB-X2T Datasheet HTML 8Page - ON Semiconductor LC79451KB-X2T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LC79451KB
No.A2223-4/38
Output Driver Pin
Symbol
Connection
I/O
Range
Function
SEG0 to 127
E-paper
O
+15V, 0V, -15V
Output for panel drive
Charge-Pump Pin
Symbol
Connection
I/O
Range
Function
VOUT0
Capacitor
O
+2.5V
Charge-pump voltage or charge-pump reference voltage.
Power supply voltage for oscillator.
Please connect capacitor between VOUT0 and VSS.
VOUT1
Capacitor
O
+5.0V
Charge-pump voltage.
VOUT1 = VOUT0 × 2
Please connect capacitor between VOUT1 and VSS.
VOUT2
Capacitor
O
+15.0V
Charge-pump voltage.
VOUT2 = VOUT1 × 3
Please connect capacitor between VOUT2 and VSS.
VOUT3
Capacitor
O
-15.0V
Charge-pump voltage.
VOUT3 = VOUT2 × -1
Please connect capacitor between VOUT3 and VSS.
C01A, C01B
C11A, C11B
C21A, C21B
C22A, C22B
C31A, C31B
Capacitor
-
Capacitor connection pin for Charge-pump.
Please connect capacitor between corresponding CxyA and CxyB.
CxyA is positive connection pin for the flying capacitor.
CxyB is negative connection pin for the flying capacitor.
(With setting of 2.5V for the reference voltage, the capacitance
between terminals is not necessary between C01A and C01B.)
Test Pin
Symbol
Connection
I/O
Function
TEST
Open / VSS
I
Test mode setting signal.
Please connect to VSS or Open during the normal operation.
TESTAOUT
Open
O
Output for the test. Please Open.
TESTLOUT
Open
O
Output for the test. Please Open.
ZVDD
Open
-
Power supply for the test. Please Open.
ZVSS
Open
-
Power supply for the test. Please Open.


同様の部品番号 - LC79451KB-X2T

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC79400 SANYO-LC79400 Datasheet
180Kb / 8P
   Dot Matrix LCD Driver
LC79400D SANYO-LC79400D Datasheet
180Kb / 8P
   Dot Matrix LCD Driver
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE ONSEMI-LC79401KNE Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
More results

同様の説明 - LC79451KB-X2T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TZA1032 PHILIPS-TZA1032 Datasheet
102Kb / 24P
   Laser driver and controller circuit
2002 May 06
logo
Texas Instruments
DP8228 TI1-DP8228_11 Datasheet
372Kb / 8P
[Old version datasheet]   System Controller and Bus Driver
logo
ON Semiconductor
LV8747TA ONSEMI-LV8747TA Datasheet
302Kb / 20P
   Driver and Switching Regulator Controller
June, 2013
logo
National Semiconductor ...
DP8228 NSC-DP8228 Datasheet
137Kb / 6P
   System Controller and Bus Driver
logo
List of Unclassifed Man...
NT3881D ETC-NT3881D Datasheet
207Kb / 29P
   Dot Matrix LCD Controller and Driver
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
   Spindle/VCM Controller and Pre-driver
logo
LDT Co., Ltd
LD3811 LDT-LD3811 Datasheet
1Mb / 28P
   Dot Matrix LCD Controller and Driver
logo
Shanghai awinic technol...
AW9106B AWINIC-AW9106B Datasheet
1Mb / 29P
   6-LED Driver and GPIO Controller
logo
Rohm
BA6893AK ROHM-BA6893AK Datasheet
287Kb / 18P
   4-channel driver and power controller
logo
Texas Instruments
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com