データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC786800E-H データシート(PDF) 5 Page - ON Semiconductor

部品番号 LC786800E-H
部品情報  Compressed Audio signal Processor IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786800E-H データシート(HTML) 5 Page - ON Semiconductor

  LC786800E-H Datasheet HTML 1Page - ON Semiconductor LC786800E-H Datasheet HTML 2Page - ON Semiconductor LC786800E-H Datasheet HTML 3Page - ON Semiconductor LC786800E-H Datasheet HTML 4Page - ON Semiconductor LC786800E-H Datasheet HTML 5Page - ON Semiconductor LC786800E-H Datasheet HTML 6Page - ON Semiconductor LC786800E-H Datasheet HTML 7Page - ON Semiconductor LC786800E-H Datasheet HTML 8Page - ON Semiconductor LC786800E-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LC786800E
No.A2082-5/26
Specifications
Absolute Maximum Ratings at Ta = 25
C, DVSS = AVSS1 = AVSS2 = XVSS = 0V
Parameter
Symbol
Pin names
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
DVDD, AVDD1, AVDD2,
XVDD, VVDD2, VVDD3
-0.3 to +3.95
V
Input voltage 1
VIN1
Input pins other than VIN2
-0.3 to DVDD+0.3
V
Input voltage 2
VIN2
RESB, SIFCK, SIFDI, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, GP13, GP14,
JTRSTB, JTCK, JTDI, JTMS
-0.3 to +5.6
V
Output voltage
VOUT
All digital output pins and
input/output pins
-0.3 to DVDD+0.3
V
Allowable power dissipation
Pd max
Ta
 85C
Mounted reference PCB (*)
519
mW
Operating temperature
Topr
-40 to +85
C
Storage temperature
Tstg
-40 to +125
C
(*)Reference PCB: 114.3mm×76.1mm×1.6mm, glass epoxy resin
Allowable Operating Ranges at Ta = -40 to +85
C, DVSS = AVSS1 = AVSS2 = XVSS = 0V
Parameter
Symbol
Pin names
Conditions
min
typ
max
Unit
Supply voltage
VDD1
DVDD, AVDD1, AVDD2,
XVDD, VVDD2, VVDD3
3.00
3.60
V
High-level input voltage
VIH(1)
RESB, SIFCK, SIFDI, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, GP13, GP14,
JTMS, JTRSTB, JTCK, JTDI
Schmitt
2.00
5.50
V
VIH(2)
GP30, GP31, GP32, GP33,
GP34, GP35, GP36, GP37,
GP40, GP41, GP42, GP43,
GP44, GP45, GP46, GP47,
GP50, GP51, GP52, GP53
Schmitt
2.00
VDD1V
Low-level input voltage
VIL(1)
RESB, SIFCK, SIFDI, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, GP13, GP14,
JTMS, JTRSTB, JTCK, JTDI
Schmitt
0
0.80
V
VIL(2)
GP30, GP31, GP32, GP33,
GP34, GP35, GP36, GP37,
GP40, GP41, GP42, GP43,
GP44, GP45, GP46, GP47,
GP50, GP51, GP52, GP53,
TEST0, TEST1
Schmitt
0
0.80
V
Oscillator frequency
FX1
XIN
Oscillator circuit
12.0
or
16.9344
MHz
XOUT
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


同様の部品番号 - LC786800E-H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
More results

同様の説明 - LC786800E-H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com