データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC78616PE データシート(PDF) 3 Page - ON Semiconductor

部品番号 LC78616PE
部品情報  Compact Disc Player IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78616PE データシート(HTML) 3 Page - ON Semiconductor

  LC78616PE Datasheet HTML 1Page - ON Semiconductor LC78616PE Datasheet HTML 2Page - ON Semiconductor LC78616PE Datasheet HTML 3Page - ON Semiconductor LC78616PE Datasheet HTML 4Page - ON Semiconductor LC78616PE Datasheet HTML 5Page - ON Semiconductor LC78616PE Datasheet HTML 6Page - ON Semiconductor LC78616PE Datasheet HTML 7Page - ON Semiconductor LC78616PE Datasheet HTML 8Page - ON Semiconductor LC78616PE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LC78616PE
www.onsemi.com
3
Specifications
Absolute Maximum Ratings
at Ta=25°C, DVSS=AVSS=XVSS=VVSS1=0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
DVDD, AVDD, XVDD, VVDD1
0.3 to +3.95
V
Input voltage 1
VIN1
0.3 to DVDD+0.3
Output voltage
VOUT
0.3 to DVDD +0.3
Allowable power dissipation
Pd max
Ta ≤ 85°C
Mounted reference PCB(*)
300
mW
Operating temperature
Topr
40 to +85
°C
Storage temperature
Tstg
40 to +125
(*) Reference PCB : 114.3mm×76.1mm×1.6mm, glass epoxy resin
<Notes>
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation
above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended
Operating Conditions may affect device reliability.
Allowable Operating Ranges
at Ta=
40 to 85°C, DVSS=AVSS=XVSS=VVSS1=0V
Parameter
Symbol
Pin Names
Type
Conditions
MIN
TYP
MAX
Unit
Supply voltage
VDD
DVDD, AVDD,
XVDD, VVDD1
3.00
3.60
V
High-level input
voltage
VIH
XIN,RESB, MODE, MODE3,
CE, CL, DI,
CONT00, CONT01, CONT02,
CONT03, CONT04, CONT05,
CONT08, CONT09, CONT10,
DO,
SDDAT00 to 15,
SDADRS11, SDADRS12
Schmitt
2.00
VDD
Low-level input
voltage
VIL
XIN, RESB, TEST, MODE3,
CE, CL, DI,
CONT00, CONT01, CONT02,
CONT03, CONT04, CONT05,
CONT08, CONT09, CONT10,
DO,
SDDAT00 to 15,
SDADRS11, SDADRS12
Schmitt
0.00
0.80
Crystal Oscillator
Frequency
FX
XIN
Oscillator
circuit
16.9344
MHz
XOUT
External
clock Input
EXCK
XIN
Schmitt
16.9344
18.0
MHz
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


同様の部品番号 - LC78616PE

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE-6D02-H ONSEMI-LC78616PE-6D02-H Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
More results

同様の説明 - LC78616PE

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com