データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10111L データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10111L
部品情報  Dual 3?묲nput/3?뭀uput NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10111L データシート(HTML) 1 Page - ON Semiconductor

  MC10111L Datasheet HTML 1Page - ON Semiconductor MC10111L Datasheet HTML 2Page - ON Semiconductor MC10111L Datasheet HTML 3Page - ON Semiconductor MC10111L Datasheet HTML 4Page - ON Semiconductor MC10111L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 8
1
Publication Order Number:
MC10111/D
MC10111
Dual 3−Input/3−Ouput NOR
Gate
The MC10111 is designed to drive up to three transmission lines
simul− taneously. The multiple outputs of this device also allow the
wire “OR”−ing of several levels of gating for minimization of gate and
package count.
The ability to control three parallel lines from a single point makes
the MC10111 particularly useful in clock distribution applications
where minimum clock skew is desired. Three VCC pins are provided
and each one should be used.
PD = 80 mW typ/gate (No Load)
tpd = 2.4 ns typ (All Outputs Loaded)
tr, tf = 2.2 ns typ (20%−80%)
DIP
PIN ASSIGNMENT
VCC1
AOUT
AOUT
AOUT
AIN
AIN
AIN
VEE
VCC2
VCC1
BOUT
BOUT
BOUT
BIN
BIN
BIN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
LOGIC DIAGRAM
VCC1 = PIN 1,15
VCC2 = PIN 16
VEE = PIN 8
12
11
10
9
13
14
2
7
6
5
3
4
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10111L
CDIP−16
25 Units / Rail
MC10111P
PDIP−16
25 Units / Rail
MC10111FN
PLCC−20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP−16
L SUFFIX
CASE 620
MC10111L
AWLYYWW
PDIP−16
P SUFFIX
CASE 648
PLCC−20
FN SUFFIX
CASE 775
10111
AWLYYWW
1
1
16
MC10111P
AWLYYWW


同様の部品番号 - MC10111L

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC10110 MOTOROLA-MC10110 Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10110 ONSEMI-MC10110 Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
MC10110FN ONSEMI-MC10110FN Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC10110L MOTOROLA-MC10110L Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10110L ONSEMI-MC10110L Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
More results

同様の説明 - MC10111L

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211_06 Datasheet
128Kb / 6P
   Dual 3?묲nput 3?뭀utput NOR Gate
November, 2006 ??Rev. 9
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
MC10H210 ONSEMI-MC10H210_06 Datasheet
150Kb / 6P
   Dual 3?묲nput 3?뭀utput OR Gate
February, 2006 ??Rev. 7
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC10211 MOTOROLA-MC10211 Datasheet
106Kb / 5P
   Dual 3-Input/3-Output NOR Gate
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211 Datasheet
95Kb / 3P
   Dual 3-Input 3-Output NOR Gate
1996 REV 5
MC10H106 ONSEMI-MC10H106_06 Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74AC11D ONSEMI-MC74AC11D Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com