データシートサーチシステム |
|
SM5022A2H データシート(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5022A2H データシート(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 10 page SM5022 series NIPPON PRECISION CIRCUITS—5 Electrical Characteristics 3 V operation: A × series VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted. 5 V operation: A × series/ B× series VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted. P arameter Symbol Condition Rating Unit min typ m a x HIGH-level output voltage V OH Q: Measurement cct 1, V DD = 2.7 V, IOH = 4 m A 2.1 2.4 – V L O W -level output voltage V OL Q: Measurement cct 2, V DD = 2.7 V, IOL = 4 m A – 0.3 0.4 V Output leakage current IZ Q: Measurement cct 2, V DD = 3.6 V, INH = L OW , VOH = V DD –– 1 0 µA Q: Measurement cct 2, V DD = 3.6 V, INH = L OW , VOL = V SS –– 1 0 HIGH-level input voltage V IH INH 2.0 – – V L O W -level input voltage V IL INH – – 0.5 V Current consumption IDD INH = open, Measurement cct 3, load cct 1, CL = 15 pF, 30 MHz cr ystal oscillator –47 m A INH pull-up resistance R UP Measurement cct 4 2 5 1 0 0 2 5 0 k Ω Feedback resistance R f Measurement cct 5 2 0 0 6 0 0 1000 k Ω Built-in capacitance C G Design value, determined by the internal wafer pattern SM5022A1H, CF5022A1 SM5022A3H, CF5022A3 SM5022A5H, CF5022A5 SM5022A7H, CF5022A7 7.44 8 8.56 p F C D 9.3 1 0 10.7 p F P arameter Symbol Condition Rating Unit min typ m a x HIGH-level output voltage V OH Q: Measurement cct 1, V DD = 4.5 V, IOH = 8 m A 3.9 4.2 – V L O W -level output voltage V OL Q: Measurement cct 2, V DD = 4.5 V, IOL = 8 m A – 0.3 0.4 V Output leakage current IZ Q: Measurement cct 2, V DD = 5.5 V, INH = L OW , VOH = V DD –– 1 0 µA Q: Measurement cct 2, V DD = 5.5 V, INH = L OW , VOL = V SS –– 1 0 HIGH-level input voltage V IH INH 2.0 – – V L O W -level input voltage V IL INH – – 0.8 V Current consumption IDD INH = open, Measurement cct 3, load cct 1, CL = 15 pF, 30 MHz cr ystal oscillator SM5022A ×H, CF5022A× –7 1 2 mA INH = open, Measurement cct 3, load cct 2, CL = 15 pF, 30 MHz cr ystal oscillator SM5022B ×H, CF5022B× –7 1 2 INH pull-up resistance R UP Measurement cct 4 2 5 1 0 0 2 5 0 k Ω Feedback resistance R f Measurement cct 5 2 0 0 6 0 0 1000 k Ω Built-in capacitance C G Design value, determined by the internal wafer pattern SM5022A1H, CF5022A1 SM5022A3H, CF5022A3 SM5022A5H, CF5022A5 SM5022A7H, CF5022A7 SM5022B1H, CF5022B1 7.44 8 8.56 p F C D 9.3 1 0 10.7 p F |
同様の部品番号 - SM5022A2H |
|
同様の説明 - SM5022A2H |