データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAC5-Q-E220 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 STAC5-Q-E220
部品情報  AC Advanced Microstep Drive w/ Q Programming & Encoder Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

STAC5-Q-E220 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  STAC5-Q-E220 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC5-Q-E220 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC5-Q-E220 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC5-Q-E220 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC5-Q-E220 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC5-Q-E220 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC5-Q-E220 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product Datasheet
www.Applied-Motion.com
STAC5-Q-E220
AC Advanced Microstep Drive w/ Q Programming & Encoder Input
1pc. - 726.00
50pc. - 544.50
Product Features
Programmable, microstepping digital step motor
driver in compact package
Advanced anti-resonance algorithm
Torque ripple smoothing
Microstepping to 51,200 steps/rev
Operates from 220 VAC
Provides motor current up to 2.55 A/phase (peak of
sine) with idle current reduction
Fast 10/100 Ethernet for programming and
communications
744 lines of stored Q program capability
Math calculations using analog and digital
parameters
Supports all STAC5-S control modes as well
UDP & TCP support
12 digital inputs, 6 digital outputs, all optically
isolated
1 analog input, +/-10 volt range
Encoder feedback provides stall detection and stall
prevention when used with a motor-mounted
incremental encoder
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544


同様の部品番号 - STAC5-Q-E220

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STAC5-Q-E120 ETC2-STAC5-Q-E120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
More results

同様の説明 - STAC5-Q-E220

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STAC5-Q-E120 ETC2-STAC5-Q-E120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q ETC2-STAC6-Q Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q-220 ETC2-STAC6-Q-220 Datasheet
355Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-QE ETC2-STAC6-QE Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST10-Q-NE ETC2-ST10-Q-NE Datasheet
970Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST5-Q-NE ETC2-ST5-Q-NE Datasheet
642Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST10-Q-RE ETC2-ST10-Q-RE Datasheet
970Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST5-Q-RE ETC2-ST5-Q-RE Datasheet
642Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-SI ETC2-STAC6-SI Datasheet
478Kb / 7P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
STAC6-SI-220 ETC2-STAC6-SI-220 Datasheet
356Kb / 6P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com