データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAC6-Q-220 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 STAC6-Q-220
部品情報  AC Advanced Microstep Drive w/ Q Programming & Encoder Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

STAC6-Q-220 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  STAC6-Q-220 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC6-Q-220 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC6-Q-220 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC6-Q-220 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC6-Q-220 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC6-Q-220 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC6-Q-220 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Model Number:
STAC6-Q-220
Part Number:
5000-122
Supply Voltage:
94-265 VAC
Supply Voltage Type:
AC
Control Modes:
Streaming Commands
Analog Positioning
Encoder Following
Q Programming
Output Current:
0.5-3.2 A/phase
Communication Ports:
RS-232
RS-485
Encoder Feedback:
Yes
Step Resolution:
Full
Half
Microstepping
Microstep Emulation
Idle Current
Reduction:
0-100%
Setup Method:
Software setup
Digital Inputs:
7
Digital Outputs:
3
Analog Inputs:
1 differential or 2 single-ended
Dimensions:
6.35 x 4.66 x 2.31 inches
Weight:
32 oz
Operating Temperature
Range:
0-55 °C
Ambient Temperature
Range:
0-55 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Specifications


同様の部品番号 - STAC6-Q-220

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STAC6-Q ETC2-STAC6-Q Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-QE ETC2-STAC6-QE Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
More results

同様の説明 - STAC6-Q-220

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STAC5-Q-E220 ETC2-STAC5-Q-E220 Datasheet
864Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC5-Q-E120 ETC2-STAC5-Q-E120 Datasheet
862Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-Q ETC2-STAC6-Q Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-QE ETC2-STAC6-QE Datasheet
475Kb / 7P
   AC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST10-Q-NE ETC2-ST10-Q-NE Datasheet
970Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST5-Q-NE ETC2-ST5-Q-NE Datasheet
642Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST10-Q-RE ETC2-ST10-Q-RE Datasheet
970Kb / 12P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
ST5-Q-RE ETC2-ST5-Q-RE Datasheet
642Kb / 11P
   DC Advanced Microstep Drive w/ Q Programming & Encoder Input
STAC6-SI ETC2-STAC6-SI Datasheet
478Kb / 7P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
STAC6-SI-220 ETC2-STAC6-SI-220 Datasheet
356Kb / 6P
   AC Advanced Microstep Drive w/ Si Programming & Encoder Input
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com