データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11693JH データシート(PDF) 5 Page - ON Semiconductor

部品番号 LB11693JH
部品情報  24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11693JH データシート(HTML) 5 Page - ON Semiconductor

  LB11693JH Datasheet HTML 1Page - ON Semiconductor LB11693JH Datasheet HTML 2Page - ON Semiconductor LB11693JH Datasheet HTML 3Page - ON Semiconductor LB11693JH Datasheet HTML 4Page - ON Semiconductor LB11693JH Datasheet HTML 5Page - ON Semiconductor LB11693JH Datasheet HTML 6Page - ON Semiconductor LB11693JH Datasheet HTML 7Page - ON Semiconductor LB11693JH Datasheet HTML 8Page - ON Semiconductor LB11693JH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LB11693JH
No.A0606-5/12
Block Diagram
Pin Functions
Pin
No.
Symbol
Pin Description
Equivalent Circuit
34
36
2
OUT1
OUT2
OUT3
Motor drive output
4
GND2
Motor drive output system ground
7
VD
Low side output transistor drive current supply
9
VM
Motor drive output power supply and output current
detection.
Connect a resistor (Rf) between this pin and VCC.
The output current is limited to a value determined
by the equation IOUT = VRF/Rf.
8
VCC
Power supply
(Systems other than the motor drive output)
10
VREG
5V regulator output
Connect a capacitor (about 0.1µF) between this pin and
ground for stabilization.
Continued on next page.
2
34 36
300
Ω
VM
4
9
VCC
VD
7
10
VCC
CURR
LIM
-
+
S/S
F/R
CONTROL
CIRCUIT
HALL AMP
& MATRIX
DRIVER
TSD
PWM
OSC
OUT1
OUT2
OUT3
VM Rf
VCC
VCC
TOC
EI-
EI+
GND1
S/S
FGFIL
IN1
IN2
IN3
GND2
VREG
COMP
PWM
FC
5VREG
BGP
VREF
VREG
FILTER
F/R
CSD
CIRCUIT
CSD
RD
RD
FG
CIRCUIT
FG
PWMIN
PWMIN
LVSD
VD Rd
LVS
CTL
RD
FG
CTL AMP


同様の部品番号 - LB11693JH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
More results

同様の説明 - LB11693JH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com