データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11693JH データシート(PDF) 7 Page - ON Semiconductor

部品番号 LB11693JH
部品情報  24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11693JH データシート(HTML) 7 Page - ON Semiconductor

Back Button LB11693JH Datasheet HTML 3Page - ON Semiconductor LB11693JH Datasheet HTML 4Page - ON Semiconductor LB11693JH Datasheet HTML 5Page - ON Semiconductor LB11693JH Datasheet HTML 6Page - ON Semiconductor LB11693JH Datasheet HTML 7Page - ON Semiconductor LB11693JH Datasheet HTML 8Page - ON Semiconductor LB11693JH Datasheet HTML 9Page - ON Semiconductor LB11693JH Datasheet HTML 10Page - ON Semiconductor LB11693JH Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LB11693JH
No.A0606-7/12
Continued from preceding page.
Pin
No.
Symbol
Pin Description
Equivalent Circuit
17
RD
Motor constrained state detection output
(This is an open-collector output.)
When the motor is constrained: high, when the motor is
turning: low.
18
PWM
IN
PWM pulse input.
When low the output will be on and when high the
outputs will be off. If this pin is used to control this IC,
connect EI- to ground and connect EI+ to TOC.
20
S/S
Start/stop control. Low: start, high or open: stop.
21
22
EI+
EI-
CTL amplifier noninverting input
CTL amplifier inverting input
23
TOC
PWM waveform comparator (CTL amplifier output)
Continued on next page.
VREG
17
VREG
5k
Ω
18
VREG
5k
Ω
20
VREG
300
Ω
22
300
Ω
21
PWM comparator
VREG
23


同様の部品番号 - LB11693JH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
More results

同様の説明 - LB11693JH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com