データシートサーチシステム |
|
SS24S-M3 データシート(PDF) 1 Page - Vishay Siliconix |
|
SS24S-M3 データシート(HTML) 1 Page - Vishay Siliconix |
1 / 4 page SS22S-M3, SS23S-M3, SS24S-M3 www.vishay.com Vishay General Semiconductor Revision: 09-Dec-13 1 Document Number: 89407 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Surface Mount Schottky Barrier Rectifier FEATURES • Low profile package • Ideal for automated placement • Low forward voltage drop, low power losses • High efficiency • High surge capability • Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS For use in low voltage, high frequency inverters, freewheeling, DC/DC converters, and polarity protection applications. MECHANICAL DATA Case: DO-214AC (SMA) Molding compound meets UL 94 V-0 flammability rating Base P/N-M3 - halogen-free, RoHS-compliant, and commercial grade Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 M3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes the cathode end PRIMARY CHARACTERISTICS IF(AV) 2.0 A VRRM 20 V, 30 V, 40 V IFSM 40 A VF at IF = 2.0 A 0.517 V TJ max. 150 °C Package DO-214AC (SMA) Diode variation Single die DO-214AC (SMA) MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL SS22S SS23S SS24S UNIT Device marking code 22S 23S 24S Maximum repetitive peak reverse voltage VRRM 20 30 40 V Maximum average forward rectified current (fig. 1) IF(AV) 2.0 A Peak forward surge current 10 ms single half sine-wave superimposed on rated load IFSM 40 A Voltage rate of change (rated VR) dV/dt 10 000 V/μs Operating junction and storage temperature range TJ, TSTG -55 to +150 °C |
同様の部品番号 - SS24S-M3 |
|
同様の説明 - SS24S-M3 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |