データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5010CL4S データシート(PDF) 10 Page - Nippon Precision Circuits Inc

部品番号 SM5010CL4S
部品情報  Crystal Oscillator Module ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010CL4S データシート(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5010CL4S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SM5010 series
NIPPON PRECISION CIRCUITS—10
5010CL
× series
3 V operation: VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
5 V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
Current consumption and Output waveform with NPC’s standard crystal
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr2
Measurement cct 6, load cct 2,
0.1VDD to 0.9VDD
C L = 15 pF
2.0
4.0
ns
tr4
C L = 30 pF
3.0
6.0
Output fall time
tf2
Measurement cct 6, load cct 2,
0.9VDD to 0.1VDD
C L = 15 pF
2.0
4.0
ns
tf4
C L = 30 pF
3.0
6.0
Output duty cycle1
1. Deter mined by the lot monitor.
Duty
Measurement cct 6, load cct 2, V DD = 3.0 V, Ta = 25 °C,
C L = 15 pF, f = 30MHz
4 5–5 5
%
Output disable delay time2
2. Oscillator stop function is built-in. When INH goes LOW , normal output stops. W hen INH goes HIGH, nor mal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 7, load cct 2, V DD = 3.0 V, Ta = 25 °C,
C L = 15 pF
100
ns
Output enable delay time2
tPZL
100
ns
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr2
Measurement cct 6, load cct 2,
0.1VDD to 0.9VDD
C L = 15 pF
1.5
3.0
ns
tr3
C L = 50 pF
4.0
8.0
Output fall time
tf2
Measurement cct 6, load cct 2,
0.9VDD to 0.1VDD
C L = 15 pF
1.5
3.0
ns
tf3
C L = 50 pF
4.0
8.0
Output duty cycle1
1. Deter mined by the lot monitor.
Duty
Measurement cct 6, load cct 2, V DD = 5.0 V, Ta = 25 °C,
C L = 50 pF, f = 30MHz
4 0–6 0
%
Output disable delay time2
2. Oscillator stop function is built-in. When INH goes LOW , normal output stops. When INH goes HIGH, nor mal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 7, load cct 2, V DD = 5.0 V, Ta = 25 °C,
C L = 15 pF
100
ns
Output enable delay time2
tPZL
100
ns
f (MHz)
R (
Ω)
L (mH)
Ca (fF)
Cb (pF)
30
17.2
4.36
6.46
2.26
L
Ca
R
Cb


同様の部品番号 - SM5010CL4S

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5010CL4S NPC-SM5010CL4S Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

同様の説明 - SM5010CL4S

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com