データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF1 データシート(PDF) 4 Page - GOOD-ARK Electronics

部品番号 LF1
部品情報  Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LF1 データシート(HTML) 4 Page - GOOD-ARK Electronics

  LF1_15 Datasheet HTML 1Page - GOOD-ARK Electronics LF1_15 Datasheet HTML 2Page - GOOD-ARK Electronics LF1_15 Datasheet HTML 3Page - GOOD-ARK Electronics LF1_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LF1 thru LF7
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1A
www.goodark.com
4/4
2014.08-Rev.B
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer’s application; they do not convey any
license under any intellectual property rights or any other rights belonging to Suzhou Good
Disclaimers
license under any intellectual propertyrights, or any other rights, belonging to Suzhou Good-
Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party’s rights, originating in the use of any product data, diagrams,
charts, programs, algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts,
programs and algorithms represents information on products at the time of publication of
these materials, and are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without
notice due to product improvements or other reasons. It is therefore recommended that
customers contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-
Ark Electronics Co., Ltd. for the latest product information before purchasing a product listed
herein The information described here ma contain technical inacc racies or t pographical
herein. The information described here may contain technical inaccuracies or typographical
errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
liability, or other loss rising from these inaccuracies or errors. Please also pay attention to
information published by Suzhou Good-Ark Electronics Co., Ltd. by various means, including
our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a
total system before making a final decision on the applicability of the information and
products. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
liability or other loss resulting from the information contained herein.
Th
i
itt
l f Sh
G
dAk El
t
i
C
Ltd i
t
it
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
www.goodark.com
4/4
2014.08-Rev.B


同様の部品番号 - LF1_15

メーカー部品番号データシート部品情報
logo
LEM
LF1010-S LEM-LF1010-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 2.7 kA
logo
Thinki Semiconductor Co...
LF1010FPL THINKISEMI-LF1010FPL Datasheet
1Mb / 3P
   10.0 Amperes Insulated Single Glass Passivated Process Avalanche Rectifier Diode
logo
List of Unclassifed Man...
LF101D ETC-LF101D Datasheet
73Kb / 2P
   1W Dual Output Surface Mountable DC/DC Converters
logo
MicroPower Direct, LLC
LF101D MPD-LF101D Datasheet
542Kb / 4P
   Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF101DI MPD-LF101DI Datasheet
216Kb / 2P
   High Isolation, 1W Dual Output SMT DC/DC Converters
More results

同様の説明 - LF1_15

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
SGP1R GOOD-ARK-SGP1R_15 Datasheet
206Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
FF1 GOOD-ARK-FF1_15 Datasheet
214Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
L1A GOOD-ARK-L1A_15 Datasheet
189Kb / 4P
   Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 1A
RS12005FL GOOD-ARK-RS12005FL_15 Datasheet
213Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1.2A
L2F1-SL GOOD-ARK-L2F1-SL_15 Datasheet
200Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 2A
F1A GOOD-ARK-F1A_15 Datasheet
226Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
A1 GOOD-ARK-A1_15 Datasheet
210Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
F1DS GOOD-ARK-F1DS_15 Datasheet
211Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A_15 Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com