データシートサーチシステム |
|
M0200-151-4-000 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
M0200-151-4-000 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page Part Number: M0200-151-4-000 Frame Size: 60 mm Continuous Torque: 5.7 in-lb Peak Torque: 17 in-lb Rated Power: 200 watts Rated Voltage: 100 volts Rated Speed: 3000 rpm Peak Speed: 5000 rpm Rated Current: 3.5 A rms Peak Current: 9.8 A rms Torque Constant: 1.77 in-lb/A Voltage Constant: 20.5 V/krpm Armature Resistance: 1.8 ohms Armature Inductance: 5.9 mH Motor Length: 5.54 inch Rotor Inertia: 3.96E-03 oz-in-sec Weight: 3.1 lbs Integral Holding Brake: Yes Storage Temperature: -10 to 85 °C Operating Temperature: 0 to 40 °C Insulation Class: Class B (130 ºC) Maximum Radial Load: 44 lbs Maximum Thrust Load: 15.4 lbs Shaft Run Out: 0.0008 inch T.I.R. max End Play: 0.008 inch max Perpendicularity: 0.003 inches Concentricity: 0.002 inches Specifcations 2 |
同様の部品番号 - M0200-151-4-000 |
|
同様の説明 - M0200-151-4-000 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |