データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM02 データシート(PDF) 3 Page - GOOD-ARK Electronics

部品番号 LM02
部品情報  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.8A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LM02 データシート(HTML) 3 Page - GOOD-ARK Electronics

  LM02_15 Datasheet HTML 1Page - GOOD-ARK Electronics LM02_15 Datasheet HTML 2Page - GOOD-ARK Electronics LM02_15 Datasheet HTML 3Page - GOOD-ARK Electronics LM02_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM02 thru LM10
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 0.8A
www.goodark.com
3/4
2014.06-Rev.A
Package Outline Dimensions
DIM
MIN
MAX
MIN
MAX
A
12
13
0047
0051
Unit: mm
Unit: inch
A
1.2
1.3
0.047
0.051
A1
0
0.1
0.000
0.004
B
0.5
0.75
0.020
0.030
C
0.1
0.25
0.004
0.010
D
E1
4.7
4.9
0.185
0.193
E2
4.7
4.9
0.185
0.193
2.54 typ.
0.10 typ.
Mounting pad layout
in mm(inch)
L
0.4
0.7
0.016
0.028
HE
6.65
6.95
0.262
0.274
Packing Information
Packing quantities:
4000 pcs/Reel, 15 Reels/Box; 12mm Tape, 13" Reel
Tape & Reel Specification
www.goodark.com
3/4
2014.06-Rev.A


同様の部品番号 - LM02_15

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LM02N10A LEIDITECH-LM02N10A Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - LM02_15

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
LMD02 GOOD-ARK-LMD02_15 Datasheet
223Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LMR02A GOOD-ARK-LMR02A_15 Datasheet
227Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.2
LM102 GOOD-ARK-LM102_15 Datasheet
219Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.0A
LMR02C GOOD-ARK-LMR02C_15 Datasheet
226Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LM210 GOOD-ARK-LM210_15 Datasheet
220Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 1000V Output Current 2.0A
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXS GOOD-ARK-LBXS_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LM202 GOOD-ARK-LM202_15 Datasheet
215Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~800V Output Current 2.0A
logo
Formosa MS
MB05S FORMOSA-MB05S Datasheet
213Kb / 7P
   0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com