データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM02 データシート(PDF) 4 Page - GOOD-ARK Electronics

部品番号 LM02
部品情報  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.8A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LM02 データシート(HTML) 4 Page - GOOD-ARK Electronics

  LM02_15 Datasheet HTML 1Page - GOOD-ARK Electronics LM02_15 Datasheet HTML 2Page - GOOD-ARK Electronics LM02_15 Datasheet HTML 3Page - GOOD-ARK Electronics LM02_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LM02 thru LM10
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 0.8A
www.goodark.com
4/4
2014.06-Rev.A
These materials are intended as a reference to assist our customers in the selection of the Suzhou Good-Ark
product best suited to the customer ’ s application; they do not convey any license under any intellectual
property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a third party.
Disclaimers
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of any
third-party ’ s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or
circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are subject to
change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product improvements or other
reasons. It is therefore recommended that customers contact Suzhou Good-Ark Electronics Co., Ltd. or an
authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product information before purchasing a
product listed herein. The information described here may contain technical inaccuracies or typographical
errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other
loss rising from these inaccuracies or errors. Please also pay attention to information published by Suzhou
Good-Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, Please be sure to evaluate all information as a total system before making
a final decision on the applicability of the information and products. Suzhou Good-Ark Electronics Co., Ltd.
assumes no responsibility for any damage, liability or other loss resulting from the information contained
herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or reproduce in
whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on these
materials or the products contained herein.
www.goodark.com
4/4
2014.06-Rev.A


同様の部品番号 - LM02_15

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LM02N10A LEIDITECH-LM02N10A Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - LM02_15

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
LMD02 GOOD-ARK-LMD02_15 Datasheet
223Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LMR02A GOOD-ARK-LMR02A_15 Datasheet
227Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.2
LM102 GOOD-ARK-LM102_15 Datasheet
219Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.0A
LMR02C GOOD-ARK-LMR02C_15 Datasheet
226Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LM210 GOOD-ARK-LM210_15 Datasheet
220Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 1000V Output Current 2.0A
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXS GOOD-ARK-LBXS_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LM202 GOOD-ARK-LM202_15 Datasheet
215Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~800V Output Current 2.0A
logo
Formosa MS
MB05S FORMOSA-MB05S Datasheet
213Kb / 7P
   0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com