データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM02 データシート(PDF) 1 Page - GOOD-ARK Electronics

部品番号 LM02
部品情報  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.8A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LM02 データシート(HTML) 1 Page - GOOD-ARK Electronics

  LM02_15 Datasheet HTML 1Page - GOOD-ARK Electronics LM02_15 Datasheet HTML 2Page - GOOD-ARK Electronics LM02_15 Datasheet HTML 3Page - GOOD-ARK Electronics LM02_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM02 thru LM10
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 0.8A
www.goodark.com
1/4
2014.06-Rev.A
Features
• Glass passivated standard bridge rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile,Max Height 1.30mm
Typical Applications
For use of general purpose AC to DC bridge rectification in power supply charger office appliance
LPMB
For use of general purpose AC to DC bridge rectification in power supply,charger,office appliance,
home appliance and telecome device.
VRRM
200
400
600
800
1000
V
Unit
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Maximum repetitive peak reverse voltage
LM04
LM06
LM08
LM10
Symbol
LM02
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
Io(AV)
(1)
A
IFSM
A
I
2t
A
2sec
TJ
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
Operating junction and storage
Rating for fusing(t<8.3ms)
5.0
0.8
35
Maximum average output rectified current
TJ,
TSTG
°C
Maximum instantaneous
forward voltage
IF=0.4 A,
TA 25℃
VF
Volts
Operating junction and storage
temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test
Conditions
Symbol
LM02
LM04
LM06
LM08
LM10
Unit
1
forward voltage
TA=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
15
Maximum DC reverse
current at rated DC
blocking voltage
IR
µA
5
100
Thermal Characteristics
RθJA
RθJC
Notes:
1. On glass epoxy PCB, mounted on 1.3*1.3mm solder pads
25
Typical thermal resistance
(1)
60
/W
Parameter
Thermal Characteristics
Symbol
LM02
LM04
LM06
LM08
LM10
Unit
www.goodark.com
1/4
2014.06-Rev.A


同様の部品番号 - LM02_15

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LM02N10A LEIDITECH-LM02N10A Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - LM02_15

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
LMD02 GOOD-ARK-LMD02_15 Datasheet
223Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LMR02A GOOD-ARK-LMR02A_15 Datasheet
227Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.2
LM102 GOOD-ARK-LM102_15 Datasheet
219Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.0A
LMR02C GOOD-ARK-LMR02C_15 Datasheet
226Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LM210 GOOD-ARK-LM210_15 Datasheet
220Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 1000V Output Current 2.0A
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXS GOOD-ARK-LBXS_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LM202 GOOD-ARK-LM202_15 Datasheet
215Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~800V Output Current 2.0A
logo
Formosa MS
MB05S FORMOSA-MB05S Datasheet
213Kb / 7P
   0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com