データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM102 データシート(PDF) 1 Page - GOOD-ARK Electronics

部品番号 LM102
部品情報  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LM102 データシート(HTML) 1 Page - GOOD-ARK Electronics

  LM102_15 Datasheet HTML 1Page - GOOD-ARK Electronics LM102_15 Datasheet HTML 2Page - GOOD-ARK Electronics LM102_15 Datasheet HTML 3Page - GOOD-ARK Electronics LM102_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM102 thru LM110
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 1.0A
www.goodark.com
1/4
2015.05-Rev.A
Features
• Glass passivated standard bridge rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile,Max Height 1.30mm
Typical Applications
For use of general purpose AC to DC bridge rectification in power supply charger office appliance
LPMB
For use of general purpose AC to DC bridge rectification in power supply,charger,office appliance,
home appliance and telecome device.
VRRM
200
400
600
800
1000
V
Maximum repetitive peak reverse voltage
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LM102
LM104
LM106
LM108
LM110
Unit
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
Io(AV)
(1)
A
IFSM
A
I
2t
A
2sec
TJ
Rating for fusing(t<8.3ms)
5.0
Operating junction and storage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average output rectified current
1.0
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
35
TJ,
TSTG
°C
Maximum instantaneous
forward voltage
IF=0.5 A,
TA 25℃
VF
Volts
LM106
LM108
LM110
Unit
1.0
Operating junction and storage
temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test
Conditions
Symbol
LM102
LM104
forward voltage
TA=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
15
Thermal Characteristics
0
Maximum DC reverse
current at rated DC
blocking voltage
IR
5
µA
100
RθJA
RθJC
Notes:
1. On glass epoxy PCB, mounted on 1.3*1.3mm solder pads
Typical thermal resistance
(1)
60
/W
25
Thermal Characteristics
Parameter
Symbol
LM102
LM104
LM106
LM108
LM110
Unit
www.goodark.com
1/4
2015.05-Rev.A


同様の部品番号 - LM102_15

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LM102-181N LEIDITECH-LM102-181N Datasheet
563Kb / 4P
   RoHS compliant
More results

同様の説明 - LM102_15

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
LMD02 GOOD-ARK-LMD02_15 Datasheet
223Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LMR02A GOOD-ARK-LMR02A_15 Datasheet
227Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.2
LMR02C GOOD-ARK-LMR02C_15 Datasheet
226Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LM02 GOOD-ARK-LM02_15 Datasheet
217Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.8A
LM210 GOOD-ARK-LM210_15 Datasheet
220Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 1000V Output Current 2.0A
LM202 GOOD-ARK-LM202_15 Datasheet
215Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~800V Output Current 2.0A
logo
E-CMOS Corporation
ECCBRABS2-6 E-CMOS-ECCBRABS2-6 Datasheet
257Kb / 4P
   1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
ECCBRABS2 E-CMOS-ECCBRABS2 Datasheet
294Kb / 5P
   1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
logo
GOOD-ARK Electronics
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com