データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM102 データシート(PDF) 2 Page - GOOD-ARK Electronics

部品番号 LM102
部品情報  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LM102 データシート(HTML) 2 Page - GOOD-ARK Electronics

  LM102_15 Datasheet HTML 1Page - GOOD-ARK Electronics LM102_15 Datasheet HTML 2Page - GOOD-ARK Electronics LM102_15 Datasheet HTML 3Page - GOOD-ARK Electronics LM102_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM102 thru LM110
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 1.0A
www.goodark.com
2/4
2015.05-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Output Rectifier Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 3. Typical Forward Characteristics
Figure 4. Typical Reverse Characteristics
www.goodark.com
2/4
2015.05-Rev.A


同様の部品番号 - LM102_15

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LM102-181N LEIDITECH-LM102-181N Datasheet
563Kb / 4P
   RoHS compliant
More results

同様の説明 - LM102_15

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
LMD02 GOOD-ARK-LMD02_15 Datasheet
223Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LMR02A GOOD-ARK-LMR02A_15 Datasheet
227Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.2
LMR02C GOOD-ARK-LMR02C_15 Datasheet
226Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LM02 GOOD-ARK-LM02_15 Datasheet
217Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.8A
LM210 GOOD-ARK-LM210_15 Datasheet
220Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 1000V Output Current 2.0A
LM202 GOOD-ARK-LM202_15 Datasheet
215Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~800V Output Current 2.0A
logo
E-CMOS Corporation
ECCBRABS2-6 E-CMOS-ECCBRABS2-6 Datasheet
257Kb / 4P
   1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
ECCBRABS2 E-CMOS-ECCBRABS2 Datasheet
294Kb / 5P
   1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
logo
GOOD-ARK Electronics
LBXSB GOOD-ARK-LBXSB_15 Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
LBXSA GOOD-ARK-LBXSA_15 Datasheet
172Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com