データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE9030MIWFP1N データシート(PDF) 9 Page - Mitel Networks Corporation

部品番号 ACE9030MIWFP1N
部品情報  Radio Interface and Twin Synthesiser
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITEL [Mitel Networks Corporation]
ホームページ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030MIWFP1N データシート(HTML) 9 Page - Mitel Networks Corporation

Back Button ACE9030MIWFP1N Datasheet HTML 5Page - Mitel Networks Corporation ACE9030MIWFP1N Datasheet HTML 6Page - Mitel Networks Corporation ACE9030MIWFP1N Datasheet HTML 7Page - Mitel Networks Corporation ACE9030MIWFP1N Datasheet HTML 8Page - Mitel Networks Corporation ACE9030MIWFP1N Datasheet HTML 9Page - Mitel Networks Corporation ACE9030MIWFP1N Datasheet HTML 10Page - Mitel Networks Corporation ACE9030MIWFP1N Datasheet HTML 11Page - Mitel Networks Corporation ACE9030MIWFP1N Datasheet HTML 12Page - Mitel Networks Corporation ACE9030MIWFP1N Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
ACE9030
9
ELECTRICAL CHARACTERISTICS
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = – 40 °C to + 85 °C, all VDD = + 3·6 to + 5·0 V, GND ref. = VSS
A.C. Characteristics (continued)
Note
8. To simplify single ended drive there is a resistor between FIA and FIAB and another between FIM and FIMB. In this mode the inputs should
drive FIA or FIM with D.C. coupling and the other inputs FIAB and FIMB should be decoupled to ground by external capacitors.
Parameter
Min.
Typ.
Max.
Unit
Conditions
LO2 Multiplier
Amplitude
235
500
mV
rms
Circuit as in fig. 15,
Reference frequency content of output
-10.5
dBc
2nd, 4th harmonic content of output
-13.5
dBc
5th harmonic of output
-15
dBc
6th and higher harmonics in output
-20
dBc
SYNTHESISERS
Reference divider
Reference divider input frequency
5
30
MHz
Drive level into CIN1 from external oscillator
400
mV
pk-pk
With crystal oscillator
powered down
CIN1 input capacitance
10
pF
CIN1 input resistance
10
k
Auxiliary synthesiser
FIA input frequency
10
135
MHz
May be a sinewave
Rise and fall times of inputs
10
ns
Timing Skew between FIA and FIAB
± 2
ns
See Fig. 6
or
± 10%
signal Both maxima
period must be met
FIA, FIAB differential signal level with both
180
mV
pk-pk
Each input, 5 to 50 &
sides driven
99 to 135 MHz
100
mV
pk-pk Each input,
50 to 99 MHz
FIA single input drive level with FIAB
360
mV
pk-pk
One input, 5 to 50 &
decoupled to V
SS
99 to 135 MHz
200
mV
pk-pk
One input,
50 to 99 MHz
FIA, FIAB common mode range
V
DD – 1·7
V
DD – 0·7
V
V
DD = 3.6V
FIA, FIAB common mode range
2.8
V
DD – 0·85
V
V
DD = 5V
FIA, FIAB input capacitance
10
pF
FIA, FIAB differential input resistance
10
k
Note 8
Auxiliary Synthesiser comparison frequency
2
MHz
Main Synthesiser
FIM input frequency
4
20
MHz
Rise and fall times of inputs
50
ns
FIM - FIMB Timing Skew
± 2
ns
See Fig. 6
or
± 10%
signal Both maxima
period must be met
FIM, FIMB differential signal level
100
mV
pk-pk
Each input,
with both sides driven.
4 to 20 MHz
FIM single input drive level
200
1000
mV
pk-pk
One input,
with FIMB decoupled to V
SS
4 to 20 MHz
FIM, FIMB common mode range
V
DD – 1·7
V
DD – 0·7
V
V
DD =3.6V
FIM, FIMB common mode range
2·8
V
DD – 0·85
V
V
DD =5V
FIM, FIMB input capacitance
10
pF
FIM, FIMB differential input resistance
10
k
Note 8
Delay FIM rising to MODMP/MODMN changing
30
ns
Main Synthesiser comparison frequency
2
MHz


同様の部品番号 - ACE9030MIWFP1N

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE9006M ACE-ACE9006M Datasheet
492Kb / 7P
   N-Channel 60-V (D-S) MOSFET
VER 1.1
ACE9006M03N ACE-ACE9006M03N Datasheet
718Kb / 7P
   N-Channel 60-V MOSFET
VER 1.1
ACE9006M06P ACE-ACE9006M06P Datasheet
712Kb / 7P
   P-Channel 60-V MOSFET
VER 1.1
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
More results

同様の説明 - ACE9030MIWFP1N

メーカー部品番号データシート部品情報
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
   FREQUENCY SYNTHESISER (PROM INTERFACE)
NJ88C25 ZARLINK-NJ88C25 Datasheet
197Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR SERIAL INTERFACE)
NJ88C21 ZARLINK-NJ88C21 Datasheet
476Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ8821 ZARLINK-NJ8821 Datasheet
475Kb / 10P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
General Electric Compan...
NJ8821 GEC-NJ8821 Datasheet
136Kb / 5P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
Zarlink Semiconductor I...
ZIF600 ZARLINK-ZIF600 Datasheet
229Kb / 9P
   Pager Synthesiser and 4FSK Demodulator
NJ88C30 ZARLINK-NJ88C30 Datasheet
217Kb / 9P
   VHF SYNTHESISER
logo
List of Unclassifed Man...
TWC-78-1 ETC2-TWC-78-1 Datasheet
124Kb / 1P
   CABLE, RADIO FREQUENCY, TWIN CONDUCTOR, BALANCED LINE
logo
PMC-Sierra, Inc
PM7830 PMC-PM7830 Datasheet
123Kb / 2P
   Baseband Radio Interface Controller
logo
Zarlink Semiconductor I...
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com