データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16240 データシート(PDF) 7 Page - ON Semiconductor

部品番号 74ALVCH16240
部品情報  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16240 データシート(HTML) 7 Page - ON Semiconductor

Back Button 74ALVCH16240 Datasheet HTML 2Page - ON Semiconductor 74ALVCH16240 Datasheet HTML 3Page - ON Semiconductor 74ALVCH16240 Datasheet HTML 4Page - ON Semiconductor 74ALVCH16240 Datasheet HTML 5Page - ON Semiconductor 74ALVCH16240 Datasheet HTML 6Page - ON Semiconductor 74ALVCH16240 Datasheet HTML 7Page - ON Semiconductor 74ALVCH16240 Datasheet HTML 8Page - ON Semiconductor 74ALVCH16240 Datasheet HTML 9Page - ON Semiconductor 74ALVCH16240 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74ALVCH16240
http://onsemi.com
7
Figure 6. Carrier Tape Specifications
D1
FOR COMPONENTS
10 PITCHES
CUMULATIVE
TOLERANCE ON
TAPE
±0.2 mm
(±0.008")
2.0 mm × 1.2 mm
AND LARGER
CENTER LINES
OF CAVITY
EMBOSSMENT
USER DIRECTION OF FEED
K0
SEE
NOTE 2
P0
P2
D
E
F
W
B0
+
+
+
K
t
B1
TOP
COVER
TAPE
P
SEE NOTE 2
A0
FOR MACHINE REFERENCE
ONLY
INCLUDING DRAFT AND RADII
CONCENTRIC AROUND B0
R MIN
TAPE AND COMPONENTS
SHALL PASS AROUND RADIUS R"
WITHOUT DAMAGE
BENDING RADIUS
*TOP COVER
TAPE THICKNESS (t1)
0.10 mm
(0.004") MAX
EMBOSSED
CARRIER
EMBOSSMENT
TYPICAL
COMPONENT CAVITY
CENTER LINE
TYPICAL
COMPONENT
CENTER LINE
MAXIMUM COMPONENT ROTATION
10°
CAMBER (TOP VIEW)
ALLOWABLE CAMBER TO BE 1 mm/100 mm NONACCUMULATIVE OVER 250 mm
100 mm
(3.937")
1 mm
(0.039") MAX
250 mm
(9.843")
1 mm MAX
TAPE
EMBOSSED CARRIER DIMENSIONS (See Notes 13 and 14)
Tape
Size
B1
Max
D
D1
E
F
K
P
P0
P2
R
T
W
24mm
20.1mm
(0.791")
1.5 + 0.1mm
−0.0
(0.059
+0.004" −0.0)
1.5mm
Min
(0.060")
1.75
±0.1 mm
(0.069
±0.004")
11.5
±0.10 mm
(0.453
±0.004")
11.9 mm
Max
(0.468")
16.0
±0.1 mm
(0.63
±0.004")
4.0
±0.1 mm
(0.157
±0.004")
2.0
±0.1 mm
(0.079
±0.004")
30 mm
(1.18")
0.6 mm
(0.024")
24.3 mm
(0.957")
13.Metric Dimensions Govern−English are in parentheses for reference only.
14.A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10° within the determined cavity.


同様の部品番号 - 74ALVCH16240

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ALVCH16240 TI-74ALVCH16240 Datasheet
139Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
logo
Texas Instruments
74ALVCH16240 TI1-74ALVCH16240 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16240DGGRE4 TI1-74ALVCH16240DGGRE4 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ALVCH16240T FAIRCHILD-74ALVCH16240T Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
More results

同様の説明 - 74ALVCH16240

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com