データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I2010AG-08ST データシート(PDF) 2 Page - ON Semiconductor

部品番号 I2010AG-08ST
部品情報  Low Frequency EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

I2010AG-08ST データシート(HTML) 2 Page - ON Semiconductor

  I2010AG-08ST Datasheet HTML 1Page - ON Semiconductor I2010AG-08ST Datasheet HTML 2Page - ON Semiconductor I2010AG-08ST Datasheet HTML 3Page - ON Semiconductor I2010AG-08ST Datasheet HTML 4Page - ON Semiconductor I2010AG-08ST Datasheet HTML 5Page - ON Semiconductor I2010AG-08ST Datasheet HTML 6Page - ON Semiconductor I2010AG-08ST Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P2010A
http://onsemi.com
2
Figure 1. Block Diagram
Crystal
Oscillator
XOUT
XIN
ModOUT
FS0
Output
Divider
PLL
VDD
VCO
Loop
Filter
SR1
SSON
VSS
Modulation
Feedback
Divider
Frequency
Divider
Phase
Detector
Table 1. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
−0.5 to +7
V
TSTG
Storage temperature
−65 to +125
°C
TA
Operating temperature
−40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low Voltage
GND
0.8
V
VIH
Input High Voltage
2.0
VDD+0.3
V
IIL
Input Low Current (pull−up resistor on inputs SR0, FS0)
−35
mA
IIH
Input High Current (pull−down resistor on input SSON)
35
mA
IXOL
XOUT Output Low Current (@ 0.4 V, VDD = 3.3 V)
3
mA
IXOH
XOUT Output High Current (@ 2.5 V, VDD = 3.3 V)
3
mA
VOL
Output Low Voltage (VDD = 3.3 V, IOL = 20 mA)
0.4
V
VOH
Output High Voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
V
IDD
Static Supply Current
0.6
mA
ICC
Dynamic Supply Current (3.3 V and 15 pF loading)
4
6
8
mA
VDD
Operating Voltage
2.7
3.3
5.5
V
tON
Power Up Time (First locked clock cycle after power up)
0.18
mS
ZOUT
Clock Output Impedance
50
W


同様の部品番号 - I2010AG-08ST

メーカー部品番号データシート部品情報
logo
PulseCore Semiconductor
I2010AG-08ST PULSECORE-I2010AG-08ST Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
More results

同様の説明 - I2010AG-08ST

メーカー部品番号データシート部品情報
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction IC
logo
Alliance Semiconductor ...
P2005A ALSC-P2005A Datasheet
459Kb / 10P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
   A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
   Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
   Low Frequency EMI Reduction
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
   Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
   Low Frequency EMI Reduction
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com