データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP175-Q1 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP175-Q1
部品情報  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP175-Q1 データシート(HTML) 5 Page - Texas Instruments

  TMP175-Q1 Datasheet HTML 1Page - Texas Instruments TMP175-Q1 Datasheet HTML 2Page - Texas Instruments TMP175-Q1 Datasheet HTML 3Page - Texas Instruments TMP175-Q1 Datasheet HTML 4Page - Texas Instruments TMP175-Q1 Datasheet HTML 5Page - Texas Instruments TMP175-Q1 Datasheet HTML 6Page - Texas Instruments TMP175-Q1 Datasheet HTML 7Page - Texas Instruments TMP175-Q1 Datasheet HTML 8Page - Texas Instruments TMP175-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TMP175-Q1, TMP75-Q1
www.ti.com
SBOS759 – NOVEMBER 2015
6.5 Electrical Characteristics
at TA = –40°C to +125°C and V+ = 2.7 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
125
°C
TMP175-Q1
±0.5
±1.5
–25°C to +85°C
TMP75-Q1
±0.5
±2
Accuracy (temperature error)
°C
TMP175-Q1
±1
±2
–40°C to +125°C
TMP75-Q1
±1
±3
Accuracy (temperature error) vs supply
0.2
±0.5
°C/V
Resolution(1)
Selectable
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
VIH
High-level input logic
0.7 (V+)
6
V
VIL
Low-level input logic
–0.5
0.3 (V+)
V
IIN
Leakage input current
0 V
≤ VIN ≤ 6 V
1
µA
Input voltage hysteresis
SCL and SDA pins
500
mV
SDA
IOL = 3 mA
0
0.15
0.4
VOL
Low-level output logic
V
ALERT
IOL = 4 mA
0
0.15
0.4
Resolution
Selectable
9 to 12
Bits
9 bits
27.5
37.5
10 bits
55
75
Conversion time
ms
11 bits
110
150
12 bits
220
300
Timeout time
25
54
74
ms
POWER SUPPLY
Operating range
2.7
5.5
V
Serial bus inactive
50
85
IQ
Quiescent current
Serial bus active, SCL frequency = 400 kHz
100
µA
Serial bus active, SCL frequency = 3.4 MHz
410
Serial bus inactive
0.1
3
ISD
Shutdown current
Serial bus active, SCL frequency = 400 kHz
60
µA
Serial bus active, SCL frequency = 3.4 MHz
380
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–55
127
°C
(1)
Specified for 12-bit resolution.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP175-Q1 TMP75-Q1


同様の部品番号 - TMP175-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI-TMP175 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP175 TI1-TMP175 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP175 UMW-TMP175 Datasheet
874Kb / 18P
   Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
logo
Texas Instruments
TMP175AID TI-TMP175AID Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results

同様の説明 - TMP175-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
[Old version datasheet]   TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
Delta Electronics, Inc.
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
   Industry standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com