データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ36002 データシート(PDF) 11 Page - Texas Instruments

部品番号 LMZ36002
部品情報  SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ36002 データシート(HTML) 11 Page - Texas Instruments

Back Button LMZ36002_15 Datasheet HTML 7Page - Texas Instruments LMZ36002_15 Datasheet HTML 8Page - Texas Instruments LMZ36002_15 Datasheet HTML 9Page - Texas Instruments LMZ36002_15 Datasheet HTML 10Page - Texas Instruments LMZ36002_15 Datasheet HTML 11Page - Texas Instruments LMZ36002_15 Datasheet HTML 12Page - Texas Instruments LMZ36002_15 Datasheet HTML 13Page - Texas Instruments LMZ36002_15 Datasheet HTML 14Page - Texas Instruments LMZ36002_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
25
35
45
55
65
75
85
95
105
115
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (A)
400LFM
200LFM
100LFM
Nat conv
C001
Airflow
105
25
35
45
55
65
75
85
95
105
115
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (A)
400LFM
200LFM
100LFM
Nat conv
C001
Airflow
105
25
35
45
55
65
75
85
95
105
115
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (A)
200LFM
100LFM
Nat conv
C001
Airflow
105
25
35
45
55
65
75
85
95
105
115
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (A)
400LFM
200LFM
100LFM
Nat conv
C001
Airflow
105
25
35
45
55
65
75
85
95
105
115
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (A)
100LFM
Nat conv
C001
105
Airflow
25
35
45
55
65
75
85
95
105
115
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (A)
400LFM
200LFM
100LFM
Nat conv
C001
105
Airflow
LMZ36002
www.ti.com
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
6.10 Typical Characteristics (Thermal Derating)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's
maximum operating temperatures. Derating limits apply to devices soldered directly to a 50 mm × 100 mm, 4-layer PCB with
2 oz. copper.
PVIN = 24 V
VOUT = 3.3 V
PVIN = 48 V
VOUT = 3.3 V
Figure 19. Safe Operating Area
Figure 20. Safe Operating Area
PVIN = 24 V
VOUT = 5 V
PVIN = 48 V
VOUT = 5 V
Figure 21. Safe Operating Area
Figure 22. Safe Operating Area
PVIN = 24 V
VOUT = 7.5 V
PVIN = 48 V
VOUT = 7.5 V
Figure 23. Safe Operating Area
Figure 24. Safe Operating Area
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ36002


同様の部品番号 - LMZ36002_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
More results

同様の説明 - LMZ36002_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
   4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
Rev. K, 16-Apr-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com