データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM03 データシート(PDF) 1 Page - Diotech Company.

部品番号 SM03
部品情報  STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTECH [Diotech Company.]
ホームページ  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SM03 データシート(HTML) 1 Page - Diotech Company.

  SM03 Datasheet HTML 1Page - Diotech Company. SM03 Datasheet HTML 2Page - Diotech Company. SM03 Datasheet HTML 3Page - Diotech Company. SM03 Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM03 THRU SM36
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SOT-23
Pin Configuration
FEATURES
APPLICATIONS
(Tamb=25°C unless otherwise specified)
Absolute Maximum Rating
350 watts peak pulse power (t p = 8/20µs)
Transient protection for data & power lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20µs)
Protects one bidirectional line or two unidirectional lines
Working Voltages: 3V,5V, 12V, 15V, 24 and 36V
Low clamping voltage
Solid-state silicon avalanche technology
Cellular Handsets and Accessories
Portable Electronics
Industrial Controls
Set-Top Box
Servers, Notebook, and Desktop PC
2
3
1
g
n
i
t
a
l
R
o
b
m
y
e
S
u
l
a
s
V
ti
n
U
)
s
µ
0
2
/
8
=
p
t(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
P
k
p
0
5
s
3
tt
a
W
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ A
J
6
5
5
W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
T
L
L
).
c
e
s
0
1
(
0
6
C
2
°
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
T
O
J
5
2
1
+
o
t
5
5
C
-
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
T
S
G
T
S
0
5
1
+
o
t
5
5
C
-
°


同様の部品番号 - SM03

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM03 MICROSEMI-SM03 Datasheet
138Kb / 2P
   TVSarray Series
logo
Shanghai Leiditech Elec...
SM03 LEIDITECH-SM03 Datasheet
133Kb / 3P
   USB 2.0 power and data line
logo
Guangdong Youtai Semico...
SM03 UMW-SM03 Datasheet
425Kb / 3P
   TVS Diode Array
SM03 UMW-SM03 Datasheet
425Kb / 3P
   TVS Diode Array
More results

同様の説明 - SM03

メーカー部品番号データシート部品情報
logo
Diotech Company.
SD03 DIOTECH-SD03 Datasheet
917Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SD03C DIOTECH-SD03C Datasheet
777Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
LC03CI DIOTECH-LC03CI Datasheet
931Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18_05 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT05C PROTEC-SM20MT05C_05 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6 Datasheet
81Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA Datasheet
93Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com