データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM6781BV データシート(PDF) 3 Page - Nippon Precision Circuits Inc

部品番号 SM6781BV
部品情報  Ni-MH/Ni-Cd Battery Charger IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6781BV データシート(HTML) 3 Page - Nippon Precision Circuits Inc

  SM6781BV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6781BV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6781BV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6781BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6781BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6781BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6781BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6781BV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6781BV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SM6781BV
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
DC Characteristics 1
VDD = 4.0 to 5.5V, VSS = 0V, Ta = 25°C
DC Characteristics 2
VDD = 4.0 to 5.5V, VSS = 0V, Ta = 0 to 85°C unless otherwise noted
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
− 0.3 to 7.0
V
Input voltage range
VIN
− 0.3 to 7.0
V
Storage temperature range
Tstg
− 55 to 125
°C
Operating temperature range
Topr
– 25 to 85
°C
Power dissipation
PD
150
mW
Parameter
Symbol
Condition
Rating
Variation
Unit
Minimum battery voltage
VMNV
VBATT < VMNV charge cutoff or prohibition
0.6
± 0.2
V
Maximum battery voltage
VMXV
VBATT > VMXV charge cutoff or prohibition
2.0
± 0.1
V
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
VDD supply voltage
VDD
4.0
5.0
5.5
V
BATT input voltage
VBATT
0–
VDD
V
INH HIGH-level input voltage
VIH1
0.7
V
INH LOW-level input voltage
VIL1
0.1
V
TIME HIGH-level input voltage
VIH2
VDD − 0.5
V
TIME MID-level input voltage
VIM
(VDD/2) − 0.5
(VDD/2) + 0.5
V
TIME LOW-level input voltage
VIL2
0.5
V
BATT
−∆V detection voltage
range
VDET
1–2
V
LEDN output pulse frequency
fLED
–1–
Hz
BATT standby voltage
VSTB
VDD − 1.5
VDD − 0.5
V
VDD current consumption
IDD
VDD = 5V, no load
0.5
mA
VDD standby current
ISTB
VDD = 5V, VBATT = VDD , no load
1
µA
LEDN, CHGN sink current
IOL
VOL = VSS + 0.8V
10
mA
INH, TIME input leakage
current
IL
VINH = VTIME = VSS to VDD
± 1
µA
LEDN, CHGN output leakage
current
IOZ
− 5–
µA


同様の部品番号 - SM6781BV

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM6780AS NPC-SM6780AS Datasheet
123Kb / 11P
   Ni-Cd/Ni-MH Battery Charger IC
More results

同様の説明 - SM6781BV

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM6780AS NPC-SM6780AS Datasheet
123Kb / 11P
   Ni-Cd/Ni-MH Battery Charger IC
logo
Shenzhen Huazhimei Semi...
HM4058C HMSEMI-HM4058C Datasheet
1Mb / 5P
   USB Ni-Cd/Ni-MH rechargeable IC
logo
RICOH electronics devic...
R5440N201A RICOH-R5440N201A Datasheet
146Kb / 16P
   Ni-Cd/Ni-MH Batteries Charger Protector Ics
logo
Shenzhen Huazhimei Semi...
HM4058A HMSEMI-HM4058A Datasheet
568Kb / 7P
   USB Ni-Cd/Ni-MH rechargeable IC
HM4058B HMSEMI-HM4058B Datasheet
465Kb / 6P
   USB Ni-Cd/Ni-MH charge management IC
logo
National Semiconductor ...
LM3647 NSC-LM3647 Datasheet
272Kb / 17P
   Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
logo
List of Unclassifed Man...
V600HR ETC2-V600HR Datasheet
26Kb / 1P
   Ni-MH
V20HR ETC2-V20HR Datasheet
52Kb / 1P
   Ni-MH
logo
Renesas Technology Corp
R2J20053NS RENESAS-R2J20053NS_15 Datasheet
327Kb / 20P
   AC adaptor / USB input selector & Li-ion/Ni-MH battery charger
logo
List of Unclassifed Man...
V110HT ETC2-V110HT Datasheet
88Kb / 1P
   Rechargeable Ni-MH Button
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com