データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085-XXXJ3 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 LM1085-XXXJ3
部品情報  3A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1085-XXXJ3 データシート(HTML) 1 Page - Cystech Electonics Corp.

  LM1085-XXXJ3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 4Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 5Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 6Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 7Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 8Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C540J3
Issued Date : 2003.06.25
Revised Date :2013.09.11
Page No. : 1/9
LM1085-XXXJ3
CYStek Product Specification
3A Low Dropout Positive Voltage Regulator
TO-252AB
TO-252AA
LM1085-XXXJ3
Features
Adj/G
O I
Adj/G
OI
Dropout Voltage 1.4V at 3A Output Current.
Fast Transient Response.
Extremely Tight Line and Load Regulation.
Built-in Thermal Shutdown Protection.
Adjustable Output Voltage or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5.0V.
Output Current Limiting.
Description
The LM1085-XXXJ3 is a low dropout three terminal regulator with 3A output current capability. The output voltage is
adjustable with the use of a resistor divider or fixed 1.5V, 1.8V, 2.5V, 3.3V and 5.0V. Dropout voltage is guaranteed to be at
maximum of 1.4V with the maximum output current. Its low dropout voltage and fast transient response make it ideal for
low voltage microprocessor applications. Current limit and thermal protection provide protection against any overload
condition that would create excessive junction temperatures.
Applications
Mother Board I/O Power Supplies.
Microprocessor Power Supplies.
High Current Regulator.
Post Regulator for Switching Supply.
Ordering Information
Device
Package
Shipping
LM1085-XXXJ3-0-T3-G
TO-252
(Pb-free lead plating and halogen-free package)
2500 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


同様の部品番号 - LM1085-XXXJ3

メーカー部品番号データシート部品情報
logo
Seme LAB
LM1085-05-220M SEME-LAB-LM1085-05-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1085-12-220M SEME-LAB-LM1085-12-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1085-220M SEME-LAB-LM1085-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
More results

同様の説明 - LM1085-XXXJ3

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com