データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085-XXXJ3 データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 LM1085-XXXJ3
部品情報  3A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1085-XXXJ3 データシート(HTML) 2 Page - Cystech Electonics Corp.

  LM1085-XXXJ3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 4Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 5Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 6Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 7Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 8Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C540J3
Issued Date : 2003.06.25
Revised Date :2013.09.11
Page No. : 2/9
LM1085-XXXJ3
CYStek Product Specification
Typical Application Circuit
VREF
Vin=5V
Vout=3.3V
C2
22μF
R1
125Ω
1%
R2
205Ω
1%
C1
10μF
ADJ
Adjustable Voltage Regulator
10μF
GND
VREF=VOUT-VADJ=1.25V(typ)
VOUT=VREF(1+R1/R2)+IADJ ×R2
IADJ=55μA(typ.)
(1)C1 needed if device is far
away from filter capacitors.
(2)C2 minimum value required
for stability.
C2
22μF
C1
10μF
Fixed Voltage Regulator
Vout=3.3V
LM1085
LM1085-3.3
Vin=5V
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
Vin
DC supply voltage
15
V
PD
Power Dissipation
Internally Limited
W
TSTG
Storage Temperature Range
-65 ~ +150
TOPR
Operation Junction Temperature Range
-40 ~ +125
TLEAD
Lead Temperature(Soldering 10 seconds)
300


同様の部品番号 - LM1085-XXXJ3

メーカー部品番号データシート部品情報
logo
Seme LAB
LM1085-05-220M SEME-LAB-LM1085-05-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1085-12-220M SEME-LAB-LM1085-12-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1085-220M SEME-LAB-LM1085-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
More results

同様の説明 - LM1085-XXXJ3

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com