データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P001-2-120X データシート(PDF) 1 Page - Ensign Corporation

部品番号 P001-2-120X
部品情報  POWER TRANSFORMER CAPTAIN CLASS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ENSIGN [Ensign Corporation]
ホームページ  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

P001-2-120X データシート(HTML) 1 Page - Ensign Corporation

  P001-2-120X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
CAPTAIN CLASS
P001-1-XXXX
P001-2-XXXX
P001-3-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part Number
115V
115/230V
230V
Series Connection
Parallel Connection
P001-1-010X*
P001-2-010X*
P001-3-010X*
10VCT @ 0.11A
5V @ 0.22A
P001-1-012X*
P001-2-012X*
P001-3-012X*
12.6VCT @ 0.09A
6.3V @ 018A
P001-1-016X*
P001-2-016X*
P001-3-016X*
16VCT @ 0.07A
8V @ 0.14A
P001-1-020X*
P001-2-020X*
P001-3-020X*
20VCT @ 0.055A
10V @ 0.11A
P001-1-024X
P001-2-024X
P001-3-024X
24VCT @ 0.045A
12V @ 0.09A
P001-1-028X
P001-2-028X
P001-3-028X
28VCT @ 0.04A
14V @ 0.08A
P001-1-036X
P001-2-036X
P001-3-036X
36VCT @ 0.03A
18V @ 0.06A
P001-1-048X
P001-2-048X
P001-3-048X
48VCT @ 0.023A
24V @ 0.046A
P001-1-056X
P001-2-056X
P001-3-056X
56VCT @ 0.02A
28V @ 0.04A
P001-1-120X
P001-2-120X
P001-3-120X
120VCT @ 0.01A
60V @ 0.02A
CAPTAIN CLASS - PRINTED CIRCUIT MOUNT, STANDARD PROFILE POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 1.1VA
B. Input Voltage and Frequency: 115V, 115/230V, 230V @ 50/60Hz
C. Voltage Regulation: 25% TYP @ Full Load to No Load
D. Temperature Rise: 20 C TYP
E. Insulation Resistance: > 1 MEG ohm
F.
Hi-Pot: 2500Vrms 1 minute @ Pri to Sec
2500Vrms 1 minute @ Pri to Core
1500Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code,
terminal numbers
3.
Safety:
UL/cUL 5085-2 Recognized (File 47299)
UL 1446 Recognized Insulation System (File 95662)
UL/cUL 5085-3 Class 2 Recognized (File E43609), models marked (*)
Primary Schematics
Secondary Schematics
Single Input
(Specify 115V,
120V, 230V or
240V)
Dual Input
(Specify
115/230V or
120/240V)
Single
Output
Center-Tapped
Output
Dual
Output


同様の部品番号 - P001-2-120X

メーカー部品番号データシート部品情報
logo
Ensign Corporation
P001-2-120X ENSIGN-P001-2-120X Datasheet
536Kb / 3P
   Captain Class
More results

同様の説明 - P001-2-120X

メーカー部品番号データシート部品情報
logo
Ensign Corporation
P001-1-710X ENSIGN-P001-1-710X Datasheet
291Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P002-1-710X ENSIGN-P002-1-710X Datasheet
289Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P002-1-010X ENSIGN-P002-1-010X Datasheet
276Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P006-1-010X ENSIGN-P006-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P012-1-010X ENSIGN-P012-1-010X Datasheet
306Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P020-1-010X ENSIGN-P020-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P036-1-010X ENSIGN-P036-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
P006 ENSIGN-P006 Datasheet
536Kb / 3P
   Captain Class
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com