データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMSF1308 データシート(PDF) 7 Page - ON Semiconductor

部品番号 MMSF1308
部品情報  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF1308 データシート(HTML) 7 Page - ON Semiconductor

  MMSF1308 Datasheet HTML 1Page - ON Semiconductor MMSF1308 Datasheet HTML 2Page - ON Semiconductor MMSF1308 Datasheet HTML 3Page - ON Semiconductor MMSF1308 Datasheet HTML 4Page - ON Semiconductor MMSF1308 Datasheet HTML 5Page - ON Semiconductor MMSF1308 Datasheet HTML 6Page - ON Semiconductor MMSF1308 Datasheet HTML 7Page - ON Semiconductor MMSF1308 Datasheet HTML 8Page - ON Semiconductor MMSF1308 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MMSF1308
http://onsemi.com
7
INFORMATION FOR USING THE SO−8 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to ensure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self−align when
subjected to a solder reflow process.
mm
inches
0.060
1.52
0.275
7.0
0.024
0.6
0.050
1.270
0.155
4.0
SO−8 POWER DISSIPATION
The power dissipation of the SO−8 is a function of the
input pad size. This can vary from the minimum pad size
for soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction
temperature of the die, RθJA, the thermal resistance from
the device junction to ambient; and the operating
temperature, TA. Using the values provided on the data
sheet for the SO−8 package, PD can be calculated as
follows:
PD =
TJ(max) − TA
RθJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values
into the equation for an ambient temperature TA of 25°C,
one can calculate the power dissipation of the device which
in this case is 2.5 Watts.
PD =
150°C − 25°C
50°C/W
= 2.5 Watts
The 50°C/W for the SO−8 package assumes the
recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 2.5 Watts using the
footprint shown. Another alternative would be to use a
ceramic substrate or an aluminum core board such as
Thermal Clad
t. Using board material such as Thermal
Clad, the power dissipation can be doubled using the same
footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
• Always preheat the device.
• The delta temperature between the preheat and
soldering should be 100°C or less.*
• When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference shall be a maximum of 10°C.
• The soldering temperature and time shall not exceed
260°C for more than 10 seconds.
• When shifting from preheating to soldering, the
maximum temperature gradient shall be 5°C or less.
• After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
• Mechanical stress or shock should not be applied
during cooling.
* * Soldering a device without preheating can cause
excessive thermal shock and stress which can result in
damage to the device.


同様の部品番号 - MMSF1308

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MMSF1310 ONSEMI-MMSF1310 Datasheet
247Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF1310R2 ONSEMI-MMSF1310R2 Datasheet
247Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

同様の説明 - MMSF1308

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com