データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMSF1308 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MMSF1308
部品情報  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF1308 データシート(HTML) 3 Page - ON Semiconductor

  MMSF1308 Datasheet HTML 1Page - ON Semiconductor MMSF1308 Datasheet HTML 2Page - ON Semiconductor MMSF1308 Datasheet HTML 3Page - ON Semiconductor MMSF1308 Datasheet HTML 4Page - ON Semiconductor MMSF1308 Datasheet HTML 5Page - ON Semiconductor MMSF1308 Datasheet HTML 6Page - ON Semiconductor MMSF1308 Datasheet HTML 7Page - ON Semiconductor MMSF1308 Datasheet HTML 8Page - ON Semiconductor MMSF1308 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MMSF1308
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
4
8
10
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
02
0
6
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
2
04
10
0
0.4
01
2
4
0.05
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
1.5
2.0
515
1E−10
1E−09
1E−08
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = 125°C
25
°C
−55
°C
TJ = 25°C
VGS = 0 V
ID = 7.0 A
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
ID = 7.0 A
5
68
10 V
−50
−25
0
25
50
75
100
125
150
TJ = 125°C
1.0
30
100
°C
0
0.2
0.4
1.2
0.6
1.0
1.4
1.6
2.0
2
6
3
9
15
0.2
0.01
0.02
0.03
0
0.5
0
1E−11
0.5
0.1
3
25
°C
0.8
1.8
TJ = 25°C
VGS = 2.3 V
2.7 V
1
0
12
5
1E−07
10
20
25
2.9 V
3.1 V
3.5 V
10 V
4.5 V
34
0.04
0.3


同様の部品番号 - MMSF1308

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MMSF1310 ONSEMI-MMSF1310 Datasheet
247Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF1310R2 ONSEMI-MMSF1310R2 Datasheet
247Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

同様の説明 - MMSF1308

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com