データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1019P データシート(PDF) 1 Page - AUK corp

部品番号 SL1019P
部品情報  AM TUNER SYSTEM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUK [AUK corp]
ホームページ  https:www.auk.co.kr
Logo AUK - AUK corp

SL1019P データシート(HTML) 1 Page - AUK corp

  SL1019P Datasheet HTML 1Page - AUK corp SL1019P Datasheet HTML 2Page - AUK corp SL1019P Datasheet HTML 3Page - AUK corp SL1019P Datasheet HTML 4Page - AUK corp SL1019P Datasheet HTML 5Page - AUK corp SL1019P Datasheet HTML 6Page - AUK corp SL1019P Datasheet HTML 7Page - AUK corp SL1019P Datasheet HTML 8Page - AUK corp SL1019P Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
KSI-W020-000
1
SL1019P
AM TUNER SYSTEM
d
Description
The SL1019P is a AM electronic tuner IC with high performance. It is greatly improved
cross modulation characteristics.
Function
• RF wide-band AGC, Attenuator Driver, Local OSC with ALC, Local OSC Buffer,
Mixer, IF Amp, IF AGC, Detector, Signal Meter.
Features
• Low noise.
• VCC variation compensation.
• The local OSC buffer output facilitates designing of electronic tuner system, frequency
display and etc.
• The narrow band signal meter output is usable as auto search stop signal.
• The excellent cross modulation characteristics prevent not only adjacent-channel
interference but also interference caused by all channels with in broadcast band.
• The OSC with ALC improves tracking error.
• Double balanced differential MIX.
• Recommended supply voltage : VCC = 8V
• Operating Supply Voltage range : VCC = 7.5V ~ 12V
Application
• The AM car radios and the home receivers.
Ordering Information
Type NO.
Marking
Package Code
SL1019P
SL1019
DIP20
Outline Dimensions
unit : mm
2.54
0.46
3.30
1.52
0.51
7.11
22.84
7o
5o-7o
0.25
7o
7.62
26.14
0.89R
7.62
1
10
20
11
S
Seem
miiccoon
nd
du
uccttoorr


同様の部品番号 - SL1019P

メーカー部品番号データシート部品情報
logo
AUK corp
SL1019P AUK-SL1019P Datasheet
112Kb / 10P
   AM TUNER SYSTEM
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
   AM TUNER SYSTEM
More results

同様の説明 - SL1019P

メーカー部品番号データシート部品情報
logo
AUK corp
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
   AM TUNER SYSTEM
logo
Daewoo Semiconductor
DBL1019 DAEWOO-DBL1019 Datasheet
533Kb / 9P
   AM TUNER SYSTEM
logo
Unisonic Technologies
TA7611AP UTC-TA7611AP Datasheet
156Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
NTE Electronics
NTE1214 NTE-NTE1214 Datasheet
22Kb / 3P
   Integrated Circuit AM Tuner System
logo
List of Unclassifed Man...
TA7611AP ETC-TA7611AP Datasheet
60Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
NTE Electronics
NTE1486 NTE-NTE1486 Datasheet
78Kb / 3P
   Integrated Circuit FM/AM Tuner System
logo
Sanyo Semicon Device
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com