データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1DF-AU データシート(PDF) 2 Page - Pan Jit International Inc.

部品番号 ES1DF-AU
部品情報  SURFACE MOUNT SUPERFAST RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1DF-AU データシート(HTML) 2 Page - Pan Jit International Inc.

  ES1DF-AU Datasheet HTML 1Page - Pan Jit International Inc. ES1DF-AU Datasheet HTML 2Page - Pan Jit International Inc. ES1DF-AU Datasheet HTML 3Page - Pan Jit International Inc. ES1DF-AU Datasheet HTML 4Page - Pan Jit International Inc. ES1DF-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
ES1DF-AU SERIES
November 27,2013
Document Number : 131004
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
0.1
1
10
100
V
R, Reverse Bias Voltage (V)
0.001
0.01
0.1
1
10
100
50
100
150
200
V
R , Peak Reverse Voltage (V)
TA = 25°C
TA = 75°C
T
A = 125°C
TA = 150°C
200V
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
600V
T
A = 150°C
T
A = 125°C
T
A = 75°C
T
A = 25°C
Fig.3 Typical Reverse Characteristics
Fig.6 Typical Forward Characteristics
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
V
F, Forward Voltage (V)
T
A = 75°C
T
A = 150°C
T
A = 25°C
T
A = 125°C
200V
Fig.4 Typical Reverse Characteristics
0.01
0.1
1
00.5
11.5
2
V
F, Forward Voltage (V)
TA = 75°C
TA = 25°C
600V
T
A = 150°C
T
A = 125°C
Fig.5 Typical Forward Characteristics


同様の部品番号 - ES1DF-AU

メーカー部品番号データシート部品情報
logo
Dongguan Pingjingsemi T...
ES1DF-PJ PJSEMI-ES1DF-PJ Datasheet
631Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
More results

同様の説明 - ES1DF-AU

メーカー部品番号データシート部品情報
logo
Transys Electronics
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1A YIXIN-ES1A Datasheet
172Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com