データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-642A-E データシート(PDF) 4 Page - ON Semiconductor

部品番号 STK672-642A-E
部品情報  2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-642A-E データシート(HTML) 4 Page - ON Semiconductor

  STK672-642A-E Datasheet HTML 1Page - ON Semiconductor STK672-642A-E Datasheet HTML 2Page - ON Semiconductor STK672-642A-E Datasheet HTML 3Page - ON Semiconductor STK672-642A-E Datasheet HTML 4Page - ON Semiconductor STK672-642A-E Datasheet HTML 5Page - ON Semiconductor STK672-642A-E Datasheet HTML 6Page - ON Semiconductor STK672-642A-E Datasheet HTML 7Page - ON Semiconductor STK672-642A-E Datasheet HTML 8Page - ON Semiconductor STK672-642A-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
STK672-642A-E
No. A1589-4/21
Block Diagram
Sample Application Circuit
Phase
excitation
signal
generator
Excitation mode
selection
Phase
advance
counter
FAO
AI
BI
VSS
Power-on
reset
Current control
chopper circuit
Overcurrent
detection
FAULT
signal
(open drain)
Overheating
detection
VDD=5V
MODE1
CLOCK
CWB
ENABLE
FAULT
VDD
Vref
Vref
F1
F2
F3
F4
P.G2
FAB
FBO
FBB
N.C
MODE2
RESETB
R1
R2
N.C
A
P.G1
S.G
VSS
Vref/4.9
VSS
100k
Ω
Amplifier
AB
B
BB
N.C
Latch
Circuit
2
6
1
3
4
5
7
8
9
10
11
12
13
14
15
16
17
18
19
Latch
Circuit
STK672-642A-E
+
9
12
10
17
13
15
14
16
19
18
6
2
5
4
1
3
VDD(5V)
CLOCK
MODE1
MODE2
CWB
ENABLE
RESETB
FAULT
A
AB
B
BB
Vref
R01
R03
R02
S.G
P.G1
P.G2
P.GND
VCC
24V
C01
at least 100
μF
2 phase stepping motor driver


同様の部品番号 - STK672-642A-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-642A-E SANYO-STK672-642A-E Datasheet
134Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-642A-E SANYO-STK672-642A-E Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-642A-E SANYO-STK672-642A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
More results

同様の説明 - STK672-642A-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com