データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-300R2UH データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 TC-300R2UH
部品情報  1U redundant power supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TC-300R2UH データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  TC-300R2UH Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SURE STAR COMPUTER CO., LTD
No. 2-1, Daan Road, Shulin Dist., New Taipei City 238, Taiwan
E-mail: info@surestar.com.tw
Tel: +886 2 268 2 250 5
http: //www.surestar.com.tw
Fax: +886 2 268 2 251 5
1U Redundant Power Supply
Model No. TC-300R2UH
Revision: A1
Table of content
1. Introduction............................................................................................2
2. Specification
2.1 Input Voltage.....................................................................................2
2.2 DC Output.........................................................................................2
2.3 PS-ON (Remote ON/OFF)................................................................3
2.4 PW-OK(power good signal)...............................................................3
2.5 Efficiency...........................................................................................3
2.6 Hold-Up Time.....................................................................................3
3. PROTECTION
3.1
Over Voltage protection....................................................................3
3.2
Short Circuit Protection.....................................................................3
3.3
Over Power Protection......................................................................4
3.4
No Load operation.............................................................................4
4. Environment Temperature......................................................................4
5. Reliability..................................................................................................4
6. Agency approvals....................................................................................4
7. EMI/RFI......................................................................................................4
8. Instructions...............................................................................................4
9. HOT-SWAP Procedures............................................................................5
10. Dimension..................................................................................................5
11. PINOUTS of connectors............................................................................7
Color Reference for LED cable.................................................................7
Main Power Connector..............................................................................7


同様の部品番号 - TC-300R2UH

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-300 ETC-TC-300 Datasheet
1Mb / 1P
   FIBER DUCT KIT
More results

同様の説明 - TC-300R2UH

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
PWS-920P-SQ ETC1-PWS-920P-SQ Datasheet
159Kb / 1P
   920W 1U Redundant Power Supply Specification
PWS-702A-1R ETC1-PWS-702A-1R Datasheet
229Kb / 1P
   700W 1U Redundant Power Supply Specification
EFRP-S2407H ETC2-EFRP-S2407H Datasheet
330Kb / 2P
   1U 400W Server Redundant Power Supply
PWS-721P-1R ETC1-PWS-721P-1R Datasheet
225Kb / 1P
   720W 1U Redundant Power Supply Specification
PWS-703P-1R ETC1-PWS-703P-1R Datasheet
182Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-704P-1R ETC1-PWS-704P-1R Datasheet
180Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-1K41P-1R ETC1-PWS-1K41P-1R Datasheet
353Kb / 1P
   1400W 1U Redundant Power Supply Specification
PWS-741P-1R ETC1-PWS-741P-1R Datasheet
372Kb / 1P
   740W 1U Redundant Power Supply Specification
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com