データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-600RVN2 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 TC-600RVN2
部品情報  2U / 3U Redundant Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TC-600RVN2 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TC-600RVN2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-600RVN2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
3.5.5. Dynamic load response time
The following shall apply to the 3.3 V, 5 V, and 12 V outputs:
Output voltage for each output shall recover to within 5 % of its steady state level in less
than 1 ms under the following conditions:
AC INPUT VOLTAGE: 90VAC ~ 264VAC
Repetition rate of 100Hz with 50 % duty cycle
OUTPUT
Step Load Size
Load Slew Rate
+3.3V
75% to 100% to 75% load
0.5 A/
u sec
+5V
75% to 100% to 75% load
0.5 A/
u sec
+12V
75% to 100% to 75% load
0.5 A/
u sec
3.5.6. Remote On/Off Control
The main outputs of this power supply (3.3V,5V,12V,-12V) shall be energized when input
signal*PSON is active. *PSON is an active low TTL compatible signal referenced to the +5V
standby common. This input signal shall be an open collector signal capable of sinking a
minimum of 4mA. When *PSON becomes inactive, the main outputs shall be disabled.
Power on
Power off
PSON
LOW (0.8V max)
HI (2V max)
3.5.7. Power good signal
The system shall have an active high TTL compatible signal capable of sinking 1mA and
sourcing 100uA. The signal shall become active within 100 to 500 ms from the instant +5V
output reaches a steady state level within the specified regulation limits. It shall become
inactive at least 1 ms before +5V drops to below the lower regulation limit.


同様の部品番号 - TC-600RVN2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
   AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
More results

同様の説明 - TC-600RVN2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-650RVN2 ETC2-TC-650RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-700RVN2 ETC2-TC-700RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-400R2U ETC2-TC-400R2U Datasheet
400Kb / 8P
   2U/3U Redundant Power Supply
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
EFRP-P2A50S ETC2-EFRP-P2A50S Datasheet
334Kb / 2P
   2U 1500W 11 Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com