データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74172B データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC74172B
部品情報  Quad EIA??85 Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74172B データシート(HTML) 8 Page - ON Semiconductor

Back Button MC74172B Datasheet HTML 4Page - ON Semiconductor MC74172B Datasheet HTML 5Page - ON Semiconductor MC74172B Datasheet HTML 6Page - ON Semiconductor MC74172B Datasheet HTML 7Page - ON Semiconductor MC74172B Datasheet HTML 8Page - ON Semiconductor MC74172B Datasheet HTML 9Page - ON Semiconductor MC74172B Datasheet HTML 10Page - ON Semiconductor MC74172B Datasheet HTML 11Page - ON Semiconductor MC74172B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC75172B MC75174B
http://onsemi.com
8
Figure 13. Output Leakage Current
versus Output Voltage
Figure 14. Output Leakage Current
versus Temperature
Figure 15. Input Current
versus Input Voltage
Figure 16. Short Circuit Current
versus Common Mode Voltage
9.0
0.5
−25
4.5
Vin, INPUT VOLTAGE (V)
− 0.5
3.5
2.5
1.5
−150
Vz, APPLIED OUTPUT VOLTAGE (V)
−7.0
−3.0
5.5
5.0
12
1.0
Normally Low Output
Enable
Pins
Driver
Inputs
4.75
p VCC p 5.25 V
TA = 25°C
5.0
0
− 5.0
−15
−10
−30
0
30
90
−20
150
Normally High Output
−9
0
Vout = +12 V
−20
85
20
10
−15
Vout = 7.0 V
−10
0
−20
2.0
Vz, APPLIED OUTPUT VOLTAGE (V)
−1.0
0
1.0
−7.0
−2.0
1.0
−3.0
5.0
9.0
12
−40
En = Low, En = High
or VCC = 0 V
5.0
15
0
TA = 25°C
En = Low, En = High
20
−5.0
60
TA = 25°C
4.75
p VCC p 5.25 V
TA, AMBIENT TEMPERATURE (°C)
40


同様の部品番号 - MC74172B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC7410HX400NE NXP-MC7410HX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410HX450NE NXP-MC7410HX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX400NE NXP-MC7410RX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX450NE NXP-MC7410RX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX500NE NXP-MC7410RX500NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
More results

同様の説明 - MC74172B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com