データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5744 データシート(PDF) 1 Page - ON Semiconductor

部品番号 LA5744
部品情報  Separately-Excited Step-Down Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA5744 データシート(HTML) 1 Page - ON Semiconductor

  LA5744 Datasheet HTML 1Page - ON Semiconductor LA5744 Datasheet HTML 2Page - ON Semiconductor LA5744 Datasheet HTML 3Page - ON Semiconductor LA5744 Datasheet HTML 4Page - ON Semiconductor LA5744 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
52307 MS PC 20070522-S00004 / 42507 MS PC / 31407 MS PC / 30707 MS PC No.A0717-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
LA5744
Overview
The LA5744 is a separately-excited step-down switching regulator (variable type).
Functions
• High efficiency.
• Time-base generator (300kHz) incorporated.
• Current limiter incorporated.
• Thermal shutdown circuit incorporated.
• Soft start circuit incorporated.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
30
V
Maximum output current
IO max
3A
SW pin application reverse voltage
VSW
-1
V
Pd max1
No heat sink
1.75
W
Allowable power dissipation
Pd max2
Infinite heat sink
7.5
W
Operating temperature
Topr
-30 to +125
°C
Storage temperature
Tstg
-40 to +150
°C
Junction temperature
Tj max
150
°C
* Specified circuit board : 76.1
×114.3×1.6mm3 : Copper foil ratio 60% FR4
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
4.5 to 28
V
Monolithic Linear IC
Separately-Excited Step-Down
Switching Regulator
(Variable Type)
Ordering number : ENA0717C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


同様の部品番号 - LA5744

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
logo
ON Semiconductor
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
logo
ON Semiconductor
LA5744TP ONSEMI-LA5744TP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
More results

同様の説明 - LA5744

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5756 ONSEMI-LA5756 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5757TP ONSEMI-LA5757TP Datasheet
71Kb / 6P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN8D51A SANYO-TN8D51A Datasheet
177Kb / 11P
   Separately-Excited Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com