データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB05-03Q-TL-E データシート(PDF) 1 Page - ON Semiconductor

部品番号 SB05-03Q-TL-E
部品情報  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB05-03Q-TL-E データシート(HTML) 1 Page - ON Semiconductor

  SB05-03Q-TL-E Datasheet HTML 1Page - ON Semiconductor SB05-03Q-TL-E Datasheet HTML 2Page - ON Semiconductor SB05-03Q-TL-E Datasheet HTML 3Page - ON Semiconductor SB05-03Q-TL-E Datasheet HTML 4Page - ON Semiconductor SB05-03Q-TL-E Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
71812 TKIM/61197GI/41894YK (KOTO) 8-7188 No.3867-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SB05-03Q
Schottky Barrier Diode
30V, 0.5A, Low IR, Single MCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
3
12
Product & Package Information
• Package
: MCP
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
Q
LOT No.
LOT No.
TL
1 : Anode
2 : No Contact
3 : Cathode
MCP
3
12
2.0
0.65
0.3
0 to 0.08
0.15
SB05-03Q-TL-E
Applications
High frequency rectification (switching regulators, converters, choppers)
Features
Low forward voltage (VF max=0.55V)
Fast reverse recovery time (trr max=10ns)
Low switching noise
Low leakage current and high reliability due to highly reliable planar structure
Small-sized package, permitting SB05-03Q-applied sets to be compact and slim
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
I
O
500
mA
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
3
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7023A-005
Ordering number : EN3867B


同様の部品番号 - SB05-03Q-TL-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SB05-03Q SANYO-SB05-03Q Datasheet
63Kb / 2P
   30V, 500mA Rectifier
More results

同様の説明 - SB05-03Q-TL-E

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com