データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB10-05P データシート(PDF) 1 Page - ON Semiconductor

部品番号 SB10-05P
部品情報  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB10-05P データシート(HTML) 1 Page - ON Semiconductor

  SB10-05P Datasheet HTML 1Page - ON Semiconductor SB10-05P Datasheet HTML 2Page - ON Semiconductor SB10-05P Datasheet HTML 3Page - ON Semiconductor SB10-05P Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Publication Order Number :
SB10-05P/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
February 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 4 of this data sheet.
SB10-05P
Applications
• High Frequency Rectification (Switching Regulators, Converters, Choppers)
Features
• Low Forward Voltage (VF max=0.55V)
• Short Reverse Recovery Time (trr max=10ns)
• Low Switching Noise
• Low Leakage Current and High Reliability Due to Reliable Planar Structure
• Pb-Free and RoHS Compliance
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
50
V
Non-repetitive Peak Reverse Surge Voltage
VRSM
55
V
Average Output Current
IO
1A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
−55 to +125
°C
Storage Temperature
Tstg
−55 to +125
°C
Electrical Characteristics at Ta
= 25°C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Reverse Voltage
VR
IR=300μA
50
V
Forward Voltage
VF
VF=1A
0.55
V
Reverse Current
IR
VR=25V
80
μA
Interterminal Capacitance
C
VR=10V, f=1MHz
52
pF
Reverse Recovery Time
trr
IF= IR=100mA, See specification Test Circuit
10
ns
Thermal Resistance
Rthj-a (1)
300
°C / W
Rthj-a (2)
Mounted on a ceramic board (250mm
2x0.8mm)
110
°C / W
Packing Type : TD
Marking
Electrical Connection
1 : Anode
2 : Cathode
3 : No Contact
SOT-89 / PCP-1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.
Schottky Barrier Diode
50V, 1A, Low IR, Single
TD


同様の部品番号 - SB10-05P

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SB10-05P SANYO-SB10-05P Datasheet
65Kb / 3P
   50V, 1A Rectifier
SB10-05P SANYO-SB10-05P Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
SB10-05PCP SANYO-SB10-05PCP Datasheet
65Kb / 2P
   50V, 1A Rectifier
SB10-05P SANYO-SB10-05P_07 Datasheet
65Kb / 3P
   50V, 1A Rectifier
More results

同様の説明 - SB10-05P

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com