データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMSF3350 データシート(PDF) 7 Page - ON Semiconductor

部品番号 MMSF3350
部品情報  Single N?묬hannel Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF3350 データシート(HTML) 7 Page - ON Semiconductor

Back Button MMSF3350 Datasheet HTML 3Page - ON Semiconductor MMSF3350 Datasheet HTML 4Page - ON Semiconductor MMSF3350 Datasheet HTML 5Page - ON Semiconductor MMSF3350 Datasheet HTML 6Page - ON Semiconductor MMSF3350 Datasheet HTML 7Page - ON Semiconductor MMSF3350 Datasheet HTML 8Page - ON Semiconductor MMSF3350 Datasheet HTML 9Page - ON Semiconductor MMSF3350 Datasheet HTML 10Page - ON Semiconductor MMSF3350 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MMSF3350
http://onsemi.com
7
0.5 0.55
0.6
0.65
0.7
0
2
4
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
0.75
0.9
12
VGS = 0 V
TJ = 25°C
6
8
10
0.8
0.85
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/ms
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10 ms. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RqJC).
A power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and must be adjusted for operating
conditions differing from those specified. Although industry
practice is to rate in terms of energy, avalanche energy
capability is not a constant. The energy rating decreases
non−linearly with an increase of peak current in avalanche
and peak junction temperature.


同様の部品番号 - MMSF3350

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
More results

同様の説明 - MMSF3350

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTR3C21NZ ONSEMI-NTR3C21NZ Datasheet
80Kb / 6P
   Single N-Channel Field Effect Transistor
November, 2015 ??Rev. 0
NTMFS5C423NL ONSEMI-NTMFS5C423NL Datasheet
130Kb / 6P
   Single N-Channel Field Effect Transistor
June, 2015 ??Rev. 0
NTMFS5C670NL ONSEMI-NTMFS5C670NL Datasheet
85Kb / 6P
   Single N-Channel Field Effect Transistor
January, 2016 ??Rev. 1
NTMFS4C01N ONSEMI-NTMFS4C01N Datasheet
124Kb / 6P
   Single N-Channel Field Effect Transistor
September, 2014 ??Rev. 0
logo
Diodes Incorporated
DMN5L06 DIODES-DMN5L06 Datasheet
131Kb / 4P
   SINGLE N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30614 Rev. 3 - 2
logo
Fairchild Semiconductor
NDS8410 FAIRCHILD-NDS8410 Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410S FAIRCHILD-NDS8410S Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8426 FAIRCHILD-NDS8426 Datasheet
266Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1010 CET-MOS-CEM1010 Datasheet
714Kb / 4P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1510 CET-MOS-CEM1510 Datasheet
753Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com