データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV209 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MV209
部品情報  Silicon Epicap Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MV209 データシート(HTML) 2 Page - ON Semiconductor

  MV209 Datasheet HTML 1Page - ON Semiconductor MV209 Datasheet HTML 2Page - ON Semiconductor MV209 Datasheet HTML 3Page - ON Semiconductor MV209 Datasheet HTML 4Page - ON Semiconductor MV209 Datasheet HTML 5Page - ON Semiconductor MV209 Datasheet HTML 6Page - ON Semiconductor MV209 Datasheet HTML 7Page - ON Semiconductor MV209 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MBV109T1 MMBV109LT1 MV209
http://onsemi.com
2
Figure 1. DIODE CAPACITANCE
40
32
24
16
8
0
1
3
10
30
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. FIGURE OF MERIT
f, FREQUENCY (MHz)
Figure 3. LEAKAGE CURRENT
TA, AMBIENT TEMPERATURE
Figure 4. DIODE CAPACITANCE
TA, AMBIENT TEMPERATURE
10
1000
100
10
100
1000
100
-60
0.01
0.001
0
+40
+100
1.04
-75
1.02
1.00
0.98
0.96
-25
+25
+75
+125
VR = 3.0 Vdc
f = 1.0 MHz
Ct [ Cc + Cj
36
28
20
12
4
f = 1.0 MHz
TA = 25°C
VR = 3 Vdc
TA = 25°C
VR = 20 Vdc
+120 +140
+80
+60
+20
-40 -20
0.1
1.0
10
20
2.0
0.2
0.02
0.002
0.006
0.06
0.6
6.0
60
-50
0
+50
+100
1.03
1.01
0.99
0.97
NOTES ON TESTING AND SPECIFICATIONS
1. CR is the ratio of Ct measured at 3.0 Vdc divided by Ct measured at 25 Vdc.


同様の部品番号 - MV209

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MV209 LRC-MV209 Datasheet
146Kb / 2P
   Silicon Epicap Diode
logo
ON Semiconductor
MV209 ONSEMI-MV209 Datasheet
63Kb / 4P
   Silicon Epicap Diodes
February, 2006 ??Rev. 5
MV209G ONSEMI-MV209G Datasheet
63Kb / 4P
   Silicon Epicap Diodes
February, 2006 ??Rev. 5
More results

同様の説明 - MV209

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MMBV109LT1 ONSEMI-MMBV109LT1 Datasheet
63Kb / 4P
   Silicon Epicap Diodes
February, 2006 ??Rev. 5
MMVL109T1 ONSEMI-MMVL109T1 Datasheet
45Kb / 3P
   Silicon Epicap Diodes
February, 2006 ??Rev. 1
logo
Leshan Radio Company
MMVL109T1 LRC-MMVL109T1 Datasheet
40Kb / 2P
   Silicon Epicap Diode
MMBV109LT1 LRC-MMBV109LT1 Datasheet
146Kb / 2P
   Silicon Epicap Diode
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
   Silicon Avalanche Diodes - Silicon Avalanche Diodes
logo
EIC discrete Semiconduc...
2EZ EIC-2EZ Datasheet
27Kb / 2P
   SILICON ZENER DIODES
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
   Silicon Rectifier Diodes
logo
Semikron International
BZV58C10 SEMIKRON-BZV58C10 Datasheet
45Kb / 1P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
DL201 EIC-DL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
DR200 EIC-DR200 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com