データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11867RV データシート(PDF) 8 Page - ON Semiconductor

部品番号 LB11867RV
部品情報  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867RV データシート(HTML) 8 Page - ON Semiconductor

Back Button LB11867RV Datasheet HTML 3Page - ON Semiconductor LB11867RV Datasheet HTML 4Page - ON Semiconductor LB11867RV Datasheet HTML 5Page - ON Semiconductor LB11867RV Datasheet HTML 6Page - ON Semiconductor LB11867RV Datasheet HTML 7Page - ON Semiconductor LB11867RV Datasheet HTML 8Page - ON Semiconductor LB11867RV Datasheet HTML 9Page - ON Semiconductor LB11867RV Datasheet HTML 10Page - ON Semiconductor LB11867RV Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LB11867RV
www.onsemi.com
8
*6. RMI pin
Minimum speed setting pin.
Perform pull-up with 5VREG when this pin is not to be used.
If the IC power supply is likely to be turned OFF first when the pin is used with external power supply, be sure to
insert the current limiting resistor to prevent inflow of large current. (The same applies to the VTH pin.)
*7. VTH pin
Speed control pin.
Connect this pin to GND when it is not used (at full speed).
For the control method, refer to the timing chart.
For control with pulse input, insert the current limiting resistor and use the pin with the frequency of 20k to 100kHz
(20kHz to 50kHz recommended).
*8. SENSE pin
Current limiting detection pin.
When the pin voltage exceeds 0.2V, the current is limited and the operation enters the lower regeneration mode.
Connect this pin to GND when it is not to be used.
*9. RD pin
Lock detection pin
In open collector output, L upon rotation and H when locked (using pull-up resistance).
Keep this pin open when it is not to be used.
*10. CT pin
Pin to connect the lock detection capacitor.
The constant-current charge and discharge circuits incorporated cause locking when the pin voltage becomes 3.0V
and unlocking when it is 1.1V.
Connect the pin to GND when it is not to be used (locking not necessary).
*11. S-S pin
Pin to connect the soft-start setting capacitor.
Connect the capacitor between 5VREG and S-S pin.
This pin enables setting of the soft start time according to the capacity of the capacitor.
See the timing char.
Connect the pin to GND when it is not to be used.


同様の部品番号 - LB11867RV

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
LB11867RV SANYO-LB11867RV Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11867RV ONSEMI-LB11867RV Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867RV-MPB-H ONSEMI-LB11867RV-MPB-H Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867RV-TLM-E ONSEMI-LB11867RV-TLM-E Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

同様の説明 - LB11867RV

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com