データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11867FV-TLM-E データシート(PDF) 2 Page - ON Semiconductor

部品番号 LB11867FV-TLM-E
部品情報  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867FV-TLM-E データシート(HTML) 2 Page - ON Semiconductor

  LB11867FV-TLM-E Datasheet HTML 1Page - ON Semiconductor LB11867FV-TLM-E Datasheet HTML 2Page - ON Semiconductor LB11867FV-TLM-E Datasheet HTML 3Page - ON Semiconductor LB11867FV-TLM-E Datasheet HTML 4Page - ON Semiconductor LB11867FV-TLM-E Datasheet HTML 5Page - ON Semiconductor LB11867FV-TLM-E Datasheet HTML 6Page - ON Semiconductor LB11867FV-TLM-E Datasheet HTML 7Page - ON Semiconductor LB11867FV-TLM-E Datasheet HTML 8Page - ON Semiconductor LB11867FV-TLM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LB11867FV
www.onsemi.com
2
Specifications
Absolute Maximum Ratings
at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
VCC pin maximum supply voltage
VCC max
18
V
OUTN pin maximum output
current
IOUTN max
20
mA
OUTP pin maximum Sink current
IOUTP max
20
mA
OUT pin output withstand voltage
VOUT max
18
V
VTH, RMI pins withstand voltage
VVTH, VRMI max
7V
S-S pin withstand voltage
VS-S max
7V
FG output pin withstand voltage
VFG max
19
V
FG pin maximum output current
IFG max
10
mA
5VREG pin maximum output
current
I5VREG max
20
mA
Allowable power dissipation
Pd max
with specified substrate *1
800
mW
Operating temperature
Topr
*2
-30 to 95
C
Storage temperature
Tstg
-55 to 150
C
*1 Specified substrate: 114.3mm
76.1mm1.6mm, glass epoxy board.
*2 Tj max=150°C must not be exceeded.
Recommended Operating Conditions
at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
VCC Supply voltage
VCC
5.5 to 16
V
VTH, RMI input voltage range
VTH, RMI
0 to 5
V
Hall input common-phase input
voltage range
VICM
0.2 to 3
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


同様の部品番号 - LB11867FV-TLM-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11867FV-TLM-E ONSEMI-LB11867FV-TLM-E Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

同様の説明 - LB11867FV-TLM-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com