データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11867RV-TLM-E データシート(PDF) 9 Page - ON Semiconductor

部品番号 LB11867RV-TLM-E
部品情報  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867RV-TLM-E データシート(HTML) 9 Page - ON Semiconductor

Back Button LB11867RV-TLM-E Datasheet HTML 3Page - ON Semiconductor LB11867RV-TLM-E Datasheet HTML 4Page - ON Semiconductor LB11867RV-TLM-E Datasheet HTML 5Page - ON Semiconductor LB11867RV-TLM-E Datasheet HTML 6Page - ON Semiconductor LB11867RV-TLM-E Datasheet HTML 7Page - ON Semiconductor LB11867RV-TLM-E Datasheet HTML 8Page - ON Semiconductor LB11867RV-TLM-E Datasheet HTML 9Page - ON Semiconductor LB11867RV-TLM-E Datasheet HTML 10Page - ON Semiconductor LB11867RV-TLM-E Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LB11867RV
www.onsemi.com
9
Control timing chart
(Speed control)
(1) Minimum speed setting (stop) mode
The low-speed fan rotation occurs at the minimum speed set with the RMI pin. When the minimum speed is not set
(RMI pin pulled up to 5VREG), the motor stops.
(2) Low speed
high speed
PMW control is made by comparing the CPWM oscillation voltage (1.1V
3.0V) and VTH voltage.
Both upper and lower output TRs are turned ON when the VTH voltage is low. The upper output TR is turned OFF
when the VTH voltage is high, regenerating the coil current in the lower TR. Therefore, as the VTH voltage decreases,
the output ON-DUTY increases, causing increase in the coil current, raising the motor rotation speed.
(3) Full speed mode
The full speed mode becomes effective when the VTH voltage is 1.1V or less. (Set VTH = GND when the speed
control is not to be made.)
0V
3.0V
1.1V
CPWM
f=30kHz (CP=220pF)
0%
100%
ONDUTY
VTH voltage
RMI voltage
Minimum speed
setting rotation
(stop mode)
Low speed
High speed
PWM control speed variable
Full speed


同様の部品番号 - LB11867RV-TLM-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11867RV-TLM-E ONSEMI-LB11867RV-TLM-E Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

同様の説明 - LB11867RV-TLM-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com