データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ABT244J-QML データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54ABT244J-QML
部品情報  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT244J-QML データシート(HTML) 3 Page - National Semiconductor (TI)

  54ABT244J-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT244J-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT244J-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT244J-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT244J-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT244J-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT244J-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT244J-QML Datasheet HTML 8Page - National Semiconductor (TI) 54ABT244J-QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Electrical Characteristics
Symbol
Parameter
54ABT
Units
Fig.
No.
T
A = −55˚C to +125˚C
V
CC = 4.5V– 5.5V
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
1.0
5.3
ns
Figure 5
t
PHL
Data to Outputs
1.0
5.0
t
PZH
Output Enable
0.8
6.5
ns
Figure 4
t
PZL
Time
1.2
7.9
t
PHZ
Output Disable
1.2
7.6
ns
Figure 4
t
PLZ
Time
1.0
7.9
Capacitance
Symbol
Parameter
Typ
Units
Conditions
T
A = 25˚C
C
IN
Input Capacitance
5.0
pF
V
CC = 0V
C
OUT (Note 5)
Output Capacitance
9.0
pF
V
CC = 5.0V
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
t
PLH vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
DS100203-11
t
PHL vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
DS100203-12
Dashed lines represent design characteristics; for specified guarantees refer to AC Characteristics Table.
3
www.national.com


同様の部品番号 - 54ABT244J-QML

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ABT244J-QML NSC-54ABT244J-QML Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT244J-QMLV NSC-54ABT244J-QMLV Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
More results

同様の説明 - 54ABT244J-QML

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com