データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-630AN-E データシート(PDF) 2 Page - ON Semiconductor

部品番号 STK672-630AN-E
部品情報  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-630AN-E データシート(HTML) 2 Page - ON Semiconductor

  STK672-630AN-E Datasheet HTML 1Page - ON Semiconductor STK672-630AN-E Datasheet HTML 2Page - ON Semiconductor STK672-630AN-E Datasheet HTML 3Page - ON Semiconductor STK672-630AN-E Datasheet HTML 4Page - ON Semiconductor STK672-630AN-E Datasheet HTML 5Page - ON Semiconductor STK672-630AN-E Datasheet HTML 6Page - ON Semiconductor STK672-630AN-E Datasheet HTML 7Page - ON Semiconductor STK672-630AN-E Datasheet HTML 8Page - ON Semiconductor STK672-630AN-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
STK672-630AN-E
No.A2296-2/28
Allowable Operating Ranges
at Tc=25
C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
0 to 42
V
Operating supply voltage 2
VDD
With signals applied
5
5%
V
Input high voltage
VIH
Pins 10, 12, 13, 14, 15, 17, VDD=55%
2.5 to VDD
V
Input low voltage
VIL
Pins 10, 12, 13, 14, 15, 17, VDD=55%
0 to 0.8
V
Output current 1
IOH1
Tc=105
C, CLOCK200Hz,
Continuous operation, duty=100%
2.0
A
Output current 2
IOH2
Tc=80
C, CLOCK200Hz,
Continuous operation, duty=100%,
See the motor current (IOH) derating curve
2.2
A
CLOCK frequency
fCL
Minimum pulse width: at least 10
s
0 to 50
kHz
Recommended operating
substrate temperature
Tc
No condensation
0 to 105
C
Recommended Vref range
Vref
Tc=105
C
0.14 to 1.38
V
Electrical Characteristics
at Tc=25
C, VCC=24V, VDD=5.0V *1
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
VDD=5.0V, ENABLE=Low
4.4
8.0
mA
Output average current *2
Ioave
R/L=1
/0.62mH in each phase
0.273
0.329
0.385
A
FET diode forward voltage
Vdf
If=1A (RL=23)
0.92
1.6
V
Output saturation voltage
Vsat
RL=23
0.33
0.48
V
Control
Input pin
Input high voltage
VIH
Pins 10, 12, 13, 14, 15, 17
2.5
VDD
V
Input low voltage
VIL
Pins 10, 12, 13, 14, 15, 17
0.3
0.8
V
5V level input current
IILH
Pins 10, 12, 13, 14, 15, 17=5V
50
75
A
GND level input current
IILL
Pins 10, 12, 13, 14, 15, 17=GND
10
A
FAULT
pin
Output low voltage
VOLF
Pin 16 (IO=5mA)
0.25
0.5
V
5V level leakage current
IILF
Pin 16 =5V
10
A
Vref input bias current
IIB
Pin 19 =1.0V
10
15
A
PWM frequency
fc
29
45
61
kHz
Overheat detection temperature
TSD
Design guarantee
144
C
Drain-source cut-off current
IDSS
VDS=100V, Pins 2, 6, 9, 18=GND
1
A
Notes
*1: A fixed-voltage power supply must be used.
*2: The value for Ioave assumes that the lead frame of the product is soldered to the mounting circuit board.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


同様の部品番号 - STK672-630AN-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-630A-E ONSEMI-STK672-630A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
More results

同様の説明 - STK672-630AN-E

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com