データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8V31012NLGI8 データシート(PDF) 1 Page - Integrated Device Technology

部品番号 8V31012NLGI8
部品情報  1-to-12, Differential HCSL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

8V31012NLGI8 データシート(HTML) 1 Page - Integrated Device Technology

  8V31012NLGI8 Datasheet HTML 1Page - Integrated Device Technology 8V31012NLGI8 Datasheet HTML 2Page - Integrated Device Technology 8V31012NLGI8 Datasheet HTML 3Page - Integrated Device Technology 8V31012NLGI8 Datasheet HTML 4Page - Integrated Device Technology 8V31012NLGI8 Datasheet HTML 5Page - Integrated Device Technology 8V31012NLGI8 Datasheet HTML 6Page - Integrated Device Technology 8V31012NLGI8 Datasheet HTML 7Page - Integrated Device Technology 8V31012NLGI8 Datasheet HTML 8Page - Integrated Device Technology 8V31012NLGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATA SHEET
1-to-12, Differential HCSL Fanout Buffer
8V31012
8V31012 REVISION 1 10/21/15
1
©2015 Integrated Device Technology, Inc.
48-pin, 7mm x 7mm VFQFN Package
VDD
Q2
GND
nQ1
Q1
VDD
nQ0
Q0
nQ3
Q3
nQ2
VDD
Q7
VDD
Q8
nQ8
GND
Q9
nQ9
VDD
nQ6
VDD
nQ7
Q6
36
35
34
33
32
31
30
28
29
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
9
8
10
11
12
48 47 46 45 44 43 42 41 40 39 38 37
8V31012
General Description
The 8V31012 is a 1-to-12 Differential HCSL Fanout Buffer. The
8V31012 is designed to translate any differential signal levels to
differential HCSL output levels. An external reference resistor is
used to set the value of the current supplied to an external
load/termination resistor. The load resistor value is chosen to equal
the value of the characteristic line impedance of 50
. The 8V31012
is characterized at an operating supply voltage of 3.3V.
The differential HCSL outputs, accurate crossover voltage and duty
cycle make the 8V31012 ideal for interfacing to PCI Express and
FBDIMM applications.
Features
Twelve differential HCSL outputs
Translates any differential input signal (LVPECL, LVHSTL, LVDS,
HCSL) to HCSL levels without external bias networks
Maximum output frequency: 250MHz
Output skew: 265ps (typical)
V
OH: 850mV (maximum)
Full 3.3V supply voltage
Available in lead-free (RoHS 6) package
-40°C to 85°C ambient operating temperature
CLK
nCLK
IREF
Q11
nQ11
Q10
nQ10
Q9
nQ9
Q8
nQ8
Q7
nQ7
Q6
nQ6
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Pin Assignment
Block Diagram


同様の部品番号 - 8V31012NLGI8

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
   1-to-12, Differential HCSL Fanout Buffer
10/21/15
More results

同様の説明 - 8V31012NLGI8

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
   1-to-12, Differential HCSL Fanout Buffer
10/21/15
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
851010 RENESAS-851010 Datasheet
303Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
851021 RENESAS-851021 Datasheet
597Kb / 19P
   1-to-21, Differential HCSL Fanout Buffer
11/03/15
logo
Integrated Device Techn...
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
ICS851010I RENESAS-ICS851010I Datasheet
1Mb / 18P
   1-to-10, Differential HCSL Fanout Buffer
AUGUST 2, 2010
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com