データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM158-N データシート(PDF) 1 Page - Texas Instruments

部品番号 LM158-N
部品情報  Low-Power, Dual-Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM158-N データシート(HTML) 1 Page - Texas Instruments

  LM158-N_16 Datasheet HTML 1Page - Texas Instruments LM158-N_16 Datasheet HTML 2Page - Texas Instruments LM158-N_16 Datasheet HTML 3Page - Texas Instruments LM158-N_16 Datasheet HTML 4Page - Texas Instruments LM158-N_16 Datasheet HTML 5Page - Texas Instruments LM158-N_16 Datasheet HTML 6Page - Texas Instruments LM158-N_16 Datasheet HTML 7Page - Texas Instruments LM158-N_16 Datasheet HTML 8Page - Texas Instruments LM158-N_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM158-N, LM258-N, LM2904-N, LM358-N
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
LMx58-N Low-Power, Dual-Operational Amplifiers
1 Features
3 Description
The LM158 series consists of two independent, high
1
Available in 8-Bump DSBGA Chip-Sized Package,
gain, internally frequency compensated operational
(See AN-1112, SNVA009)
amplifiers which were designed specifically to operate
Internally Frequency Compensated for Unity Gain
from a single power supply over a wide range of
Large DC Voltage Gain:
100 dB
voltages. Operation from split power supplies is also
possible and the low power supply current drain is
Wide Bandwidth (Unity Gain):
1 MHz
independent of the magnitude of the power supply
(Temperature Compensated)
voltage.
Wide Power Supply Range:
Application areas include transducer amplifiers, dc
Single Supply:
3V to 32V
gain blocks and all the conventional op-amp circuits
Or Dual Supplies:
±1.5V to ±16V
which now can be more easily implemented in single
Very Low Supply Current Drain (500
power supply systems. For example, the LM158
series can be directly operated off of the standard
μA)—Essentially Independent of Supply Voltage
3.3-V power supply voltage which is used in digital
Low Input Offset Voltage:
2 mV
systems and will easily provide the required interface
Input Common-Mode Voltage Range Includes
electronics without requiring the additional ±15V
Ground
power supplies.
Differential Input Voltage Range Equal to the
The LM358 and LM2904 are available in a chip sized
Power Supply Voltage
package
(8-Bump
DSBGA)
using
TI's
DSBGA
Large Output Voltage Swing
package technology.
Unique Characteristics:
Device Information(1)
In the Linear Mode the Input Common-Mode
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Voltage Range Includes Ground and the
TO-CAN (8)
9.08 mm x 9.09 mm
Output Voltage Can Also Swing to Ground,
LM158-N
CDIP (8)
10.16 mm x 6.502 mm
even though Operated from Only a Single
LM258-N
TO-CAN (8)
9.08 mm x 9.09 mm
Power Supply Voltage.
DSBGA (8)
1.31 mm x 1.31 mm
The Unity Gain Cross Frequency is
LM2904-N
SOIC (8)
4.90 mm x 3.91 mm
Temperature Compensated.
PDIP (8)
9.81 mm x 6.35 mm
The Input Bias Current is also Temperature
TO-CAN (8)
9.08 mm x 9.09 mm
Compensated.
DSBGA (8)
1.31 mm x 1.31 mm
Advantages:
LM358-N
SOIC (8)
4.90 mm x 3.91 mm
Two Internally Compensated Op Amps
PDIP (8)
9.81 mm x 6.35 mm
Eliminates Need for Dual Supplies
(1) For all available packages, see the orderable addendum at
Allows Direct Sensing Near GND and VOUT
the end of the datasheet.
Also Goes to GND
Compatible with All Forms of Logic
Voltage Controlled Oscillator (VCO)
Power Drain Suitable for Battery Operation
2 Applications
Active Filters
General Signal Conditioning and Amplification
4- to 20-mA Current Loop Transmitters
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LM158-N_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM158-N TI1-LM158-N Datasheet
1Mb / 27P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM158-N TI-LM158-N Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM158-N TI-LM158-N Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
More results

同様の説明 - LM158-N_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com