データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AH データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM101AH
部品情報  Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AH データシート(HTML) 10 Page - Texas Instruments

Back Button LM101AH Datasheet HTML 6Page - Texas Instruments LM101AH Datasheet HTML 7Page - Texas Instruments LM101AH Datasheet HTML 8Page - Texas Instruments LM101AH Datasheet HTML 9Page - Texas Instruments LM101AH Datasheet HTML 10Page - Texas Instruments LM101AH Datasheet HTML 11Page - Texas Instruments LM101AH Datasheet HTML 12Page - Texas Instruments LM101AH Datasheet HTML 13Page - Texas Instruments LM101AH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM101A-N, LM201A-N, LM301A-N
SNOSBS0D – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
TYPICAL APPLICATIONS
Pin connections shown are for 8-pin packages
L
≃ R1 R2 C1
RS = R2
RP = R1
Figure 29. Variable Capacitance Multiplier
Figure 30. Simulated Inductor
Figure 31. Fast Inverting Amplifier with High
Input Impedance
fo = 10 kHz
Figure 33. Sine Wave Oscillator
†May be zero or equal to parallel
combination of R1 and R2 for minimum
offset.
*Adjust for zero integrator drift. Current drift
Figure 32. Inverting Amplifier with Balancing
typically 0.1 nA/°C over
−55°C to +125°C
Circuit
temperature range.
Figure 34. Integrator with Bias Current
Compensation
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM101A-N LM201A-N LM301A-N


同様の部品番号 - LM101AH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101AH NSC-LM101AH Datasheet
509Kb / 17P
   Operational Amplifiers
logo
Linear Technology
LM101AH LINER-LM101AH Datasheet
388Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM101AH NSC-LM101AH Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Texas Instruments
LM101AH TI1-LM101AH Datasheet
1Mb / 24P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101AH-QMLV NSC-LM101AH-QMLV Datasheet
226Kb / 15P
   SINGLE OPERATIONAL AMPLIFIER
More results

同様の説明 - LM101AH

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com