データシートサーチシステム |
|
LM201AH データシート(PDF) 10 Page - Texas Instruments |
|
|
LM201AH データシート(HTML) 10 Page - Texas Instruments |
10 / 24 page LM101A-N, LM201A-N, LM301A-N SNOSBS0D – SEPTEMBER 1999 – REVISED MARCH 2013 www.ti.com TYPICAL APPLICATIONS Pin connections shown are for 8-pin packages L ≃ R1 R2 C1 RS = R2 RP = R1 Figure 29. Variable Capacitance Multiplier Figure 30. Simulated Inductor Figure 31. Fast Inverting Amplifier with High Input Impedance fo = 10 kHz Figure 33. Sine Wave Oscillator †May be zero or equal to parallel combination of R1 and R2 for minimum offset. *Adjust for zero integrator drift. Current drift Figure 32. Inverting Amplifier with Balancing typically 0.1 nA/°C over −55°C to +125°C Circuit temperature range. Figure 34. Integrator with Bias Current Compensation 10 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM101A-N LM201A-N LM301A-N |
同様の部品番号 - LM201AH |
|
同様の説明 - LM201AH |